Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA15QS400-4IL Fiches technique(PDF) 6 Page - Littelfuse

No de pièce LA15QS400-4IL
Description  Traditional Semiconductor Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS400-4IL Fiches technique(HTML) 6 Page - Littelfuse

  LA15QS400-4IL Datasheet HTML 1Page - Littelfuse LA15QS400-4IL Datasheet HTML 2Page - Littelfuse LA15QS400-4IL Datasheet HTML 3Page - Littelfuse LA15QS400-4IL Datasheet HTML 4Page - Littelfuse LA15QS400-4IL Datasheet HTML 5Page - Littelfuse LA15QS400-4IL Datasheet HTML 6Page - Littelfuse LA15QS400-4IL Datasheet HTML 7Page - Littelfuse LA15QS400-4IL Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 4-C-080613
6 of 8
alTernaTe dimenSion SemiconducTor FuSeS
600 VAC/DC • Very Fast-Acting • 5-40 A
690 VAC/700 VDC • Very Fast-Acting • 10-100 A
Specifications
Voltage Rating
AC: 600 V
DC: 600 V
Interrupting Rating
AC: 200 kA
DC: 100 kA
Ampere Range
5 – 40 A
Approvals
UL Recognized
ampere
raTing
caTalog
number
mounTing
Type
maximum
clearing i2t
@600 Vac (a2s)
WaTTS loSS
@ raTed
currenT (W)
5
LA60Q5-2
2
60
0.7
8
LA60Q8-2
2
70
1.1
10
LA60Q10-2
2
110
1.6
12
LA60Q12-2
2
150
2
15
LA60Q15-2
2
180
3
20
LA60Q20-2
2
330
4.4
25
LA60Q25-2
2
440
5.5
30
LA60Q30-2
2
860
5.6
35
LA60Q35-2
2
1300
6.4
40
LA60Q40-2
2
1800
7
1
½
13
/32
Description
Littelfuse LA60Q semiconductor protection fuses feature
a 600 volt AC/DC rating in a compact size (1 12” x 1332”).
LA60Q also has the lowest I2t of all similar fuses and
excellent cycling ability. Applications include inverters and
small equipment requiring extremely fast response to
faults, without the need to carry sustained heavy overloads.
Dimensions Inches
Contact Littelfuse for characteristic curves.
Description
Littelfuse French Cylindrical style semiconductor fuses are
an extension to the LA70QS series. They offer a solid-fill
design with high interrupting ratings and an optional striker
for visual or remote blown fuse indication.
Specifications
Voltage Rating
AC: 690 V
DC: 700 V
Interrupting Rating
AC: 200 kA
DC: 100 kA
Ampere Range
10 – 100 A
Approvals
UL Recognized
CSA Certified
Web Resources
For additional information, visit: www.littelfuse.com/semi
Dimensions
Recommended Fuse Holders
CYH series for non-striker fuses LA70QS(amp)22F
CYH1451 series for LA70QS(amp)14F
Web Resources
For additional information, visit: littelfuse.com/la60q
ampere
raTing
caTalog
number
(no STriKer)
caTalog
number
(WiTh STriKer)
body
Size
maximum
clearing i2t
@700 Vac
(a2s x 103)
WaTTS loSS
@ raTed
currenT (W)
10
LA70QS10-14F LA70QS10-14FI 14 x 51
0.04
3.5
12
LA70QS12-14F LA70QS12-14FI 14 x 51
0.06
4.4
16
LA70QS16-14F LA70QS16-14FI 14 x 51
0.10
4.8
20
LA70QS20-14F LA70QS20-14FI 14 x 51
0.16
5.2
25
LA70QS25-14F LA70QS25-14FI 14 x 51
0.27
5.8
32
LA70QS32-14F LA70QS32-14FI 14 x 51
1.50
7.0
40
LA70QS40-14F LA70QS40-14FI 14 x 51
0.70
10.7
50
LA70QS50-14F LA70QS50-14FI 14 x 51
1.50
11.6
20
LA70QS20-22F LA70QS20-22FI 22 x 58
0.076
8.0
25
LA70QS25-22F LA70QS25-22FI 22 x 58
0.125
10.0
32
LA70QS32-22F LA70QS32-22FI 22 x 58
0.27
11.0
40
LA70QS40-22F LA70QS40-22FI 22 x 58
0.48
13.0
50
LA70QS50-22F LA70QS50-22FI 22 x 58
0.80
14.9
63
LA70QS63-22F LA70QS63-22FI 22 x 58
1.85
16.0
80
LA70QS80-22F LA70QS80-22FI 22 x 58
3.80
17.8
100
LA70QS100-22F LA70QS100-22FI 22 x 58
8.00
19.0
FuSe Size
dimenSionS mm
a
b
c
d
e
14x51
14
51
14
22x58
22
58
16
14x51 Striker
14
51
14
7.5
3.8
22x58 Striker
22
58
16
7.5
3.8
LA60Q Series Semiconductor Fuses
LA70QSF Series French Cylindrical Fuses
A
B
C
A
B
C
D
E


Numéro de pièce similaire - LA15QS400-4IL

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LA15QS400-4IL LITTELFUSE-LA15QS400-4IL Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
LA15QS400-4IL LITTELFUSE-LA15QS400-4IL Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS400-4IL LITTELFUSE-LA15QS400-4IL Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS400-4IL LITTELFUSE-LA15QS400-4IL Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Description similaire - LA15QS400-4IL

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com