Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ01S2403A Fiches technique(PDF) 1 Page - Delta Electronics, Inc.

No de pièce DZ01S2403A
Description  1W DC/DC CONVERTER, SMD-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ01S2403A Fiches technique(HTML) 1 Page - Delta Electronics, Inc.

  DZ01S2403A Datasheet HTML 1Page - Delta Electronics, Inc. DZ01S2403A Datasheet HTML 2Page - Delta Electronics, Inc. DZ01S2403A Datasheet HTML 3Page - Delta Electronics, Inc. DZ01S2403A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA01S Sries
1W DC/DC CONVERTER, SMD-Package
DS_SA01S_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 82%
SMD Package with Industry Standard Pinout
Moisture sensitivity level (MSL) 3
Operating Temperature Range –40° to +85°C
Low ripple and noise
Isolation Voltage 1000 VDC
Lead free, RoHs Compliant
>2 MHours MTBF
3 Years Product Warranty
The SA01S series are miniature, SMD Package, isolated 1W DC/DC converters with 1,000VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
SA01S0503A
3.3
300
6
264
10
75
SA01S0505A
5
200
4
250
10
80
SA01S0509A
9
110
2
254
10
78
SA01S0512A
12
84
1.5
252
8
80
SA01S0515A
5
(4.5 ~ 5.5)
15
67
1
248
30
7
33
81
SA01S1203A
3.3
300
6
110
8
75
SA01S1205A
5
200
4
103
8
81
SA01S1209A
9
110
2
106
8
78
SA01S1212A
12
84
1.5
104
5
81
SA01S1215A
12
(10.8 ~ 13.2)
15
67
1
102
15
5
33
82
SA01S2403A
3.3
300
6
57
8
73
SA01S2405A
5
200
4
53
8
79
SA01S2409A
9
110
2
54
8
77
SA01S2412A
12
84
1.5
53
5
80
SA01S2415A
24
(21.6 ~ 26.4)
15
67
1
52
8
5
33
80
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW


Numéro de pièce similaire - DZ01S2403A

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DZ01S2403A DELTA-DZ01S2403A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S2403A DELTA-DZ01S2403A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S2403A DELTA-DZ01S2403A Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S2403A DELTA-DZ01S2403A Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DZ01S2403A DELTA-DZ01S2403A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results

Description similaire - DZ01S2403A

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com