Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ02S1203A Fiches technique(PDF) 1 Page - Delta Electronics, Inc.

No de pièce DZ02S1203A
Description  1W DC/DC CONVERTER, SMD-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ02S1203A Fiches technique(HTML) 1 Page - Delta Electronics, Inc.

  DZ02S1203A Datasheet HTML 1Page - Delta Electronics, Inc. DZ02S1203A Datasheet HTML 2Page - Delta Electronics, Inc. DZ02S1203A Datasheet HTML 3Page - Delta Electronics, Inc. DZ02S1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB01S/D Series
1W DC/DC CONVERTER, SMD-Package, High Isolation
DS_SB01S/D_07232012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 81%
SMD Package with Industry Standard Pinout
High Isolation Voltage 3000 VDC
Operating Temperature Range –40° to +85°C
Low ripple and noise
Lead free, RoHs Compliant
Moisture sensitivity level (MSL) 3
3 Years Product Warranty
The SB01S/D series are miniature, SMD Package, isolated 1W DC/DC converters with 3,000VDC isolation. It offers short
circuit protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
SB01S0505A
5
200
4
281
10
33
71
SB01S0512A
12
84
1.5
258
7
4.7
78
SB01S0515A
15
67
1
258
7
4.7
78
SB01D0505A
±5
±100
±2
277
10
10*
72
SB01D0512A
±12
±42
±0.8
255
7
2.2*
78
SB01D0515A
5
(4.5 ~ 5.5)
±15
±34
±0.7
258
30
7
2.2*
79
SB01S1205A
5
200
4
117
8
33
71
SB01S1212A
12
84
1.5
106
5
4.7
79
SB01S1215A
15
67
1
104
5
4.7
80
SB01D1205A
±5
±100
±2
112
8
10*
74
SB01D1212A
±12
±42
±0.8
105
5
2.2*
80
SB01D1215A
12
(10.8 ~ 13.2)
±15
±34
±0.7
104
12
5
2.2*
81
SB01S2405A
5
200
4
58
8
33
71
SB01S2412A
12
84
1.5
53
5
4.7
78
SB01S2415A
15
67
1
53
5
4.7
79
SB01D2405A
±5
±100
±2
57
8
10*
72
SB01D2412A
±12
±42
±0.8
53
5
2.2*
79
SB01D2415A
24
(21.6 ~ 26.4)
±15
±34
±0.7
53
7
5
2.2*
80
* For each output


Numéro de pièce similaire - DZ02S1203A

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DZ02S1203A DELTA-DZ02S1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ02S1203A DELTA-DZ02S1203A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DZ02S1203A DELTA-DZ02S1203A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ02S1203A DELTA-DZ02S1203A Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
DZ02S1203A DELTA-DZ02S1203A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Description similaire - DZ02S1203A

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com