Moteur de recherche de fiches techniques de composants électroniques |
|
DZ03D0303A Fiches technique(PDF) 1 Page - Delta Electronics, Inc. |
|
DZ03D0303A Fiches technique(HTML) 1 Page - Delta Electronics, Inc. |
1 / 4 page SA01D Sries 1W DC/DC CONVERTER, SMD-Package DS_SA01D_03152012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc P1 FEATURES Efficiency up to 80% SMD Package with Industry Standard Pinout Dual Outputs Isolation Voltage 1000 VDC Operating Temperature Range –40° to +85°C Low ripple and noise Lead free, RoHs Compliant Moisture sensitivity level (MSL) 3 3 Years Product Warranty The SA01D series are miniature, SMD Package, isolated 1W DC/DC converters with 1,000VDC isolation. It allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. Model List Output Current Input Current Efficiency (typ.) Input Voltage (Range) Output Voltage Max. Min. @Max. Load @No Load Load Regulation Max. capacitive Load @Max. Load Model Number VDC VDC mA mA mA(typ.) mA(typ.) % (max.) uF % SA01D0505A ±5 ±100 ±2 267 10 75 SA01D0509A ±9 ±55 ±1 260 10 76 SA01D0512A ±12 ±42 ±0.8 255 8 79 SA01D0515A 5 (4.5 ~ 5.5) ±15 ±33 ±0.7 251 30 7 33 79 SA01D1205A ±5 ±100 ±2 111 8 75 SA01D1209A ±9 ±55 ±1 109 8 76 SA01D1212A ±12 ±42 ±0.8 105 5 80 SA01D1215A 12 (10.8 ~ 13.2) ±15 ±33 ±0.7 103 15 5 33 80 SA01D2405A ±5 ±100 ±2 56 8 74 SA01D2409A ±9 ±55 ±1 55 8 75 SA01D2412A ±12 ±42 ±0.8 53 5 79 SA01D2415A 24 (21.6 ~ 26.4) ±15 ±33 ±0.7 52 9 5 33 79 Input Characteristics Parameter Model Min. Typ. Max. Unit 5V Input Models 4.5 5 5.5 12V Input Models 10.8 12 13.2 Input Voltage Range 24V Input Models 21.6 24 26.4 5V Input Models -0.7 --- 9 12V Input Models -0.7 --- 18 Input Surge Voltage (1 sec. max.) 24V Input Models -0.7 --- 30 VDC Reverse Polarity Input Current --- --- 0.3 A Input Filter Internal Capacitor Internal Power Dissipation All Models --- --- 450 mW |
Numéro de pièce similaire - DZ03D0303A |
|
Description similaire - DZ03D0303A |