Moteur de recherche de fiches techniques de composants électroniques |
|
BFC2336283 Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
BFC2336283 Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 17 page www.vishay.com For technical questions, contact: RFI@vishay.com Document Number: 28120 4 Revision: 08-Oct-08 MKP 336 2 X2 Vishay BCcomponents Interference Suppression Film Capacitors MKP Radial Potted Type PITCH: 10.0 mm; C-TOL = ± 10 % Notes (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information” (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only C (µF) DIMENSIONS w x h x l (mm) MASS (g) (3) CATALOG NUMBER BFC2 336 ..... AND PACKAGING LOOSE IN BOX REEL (500 mm) (1) (2) SHORT LEADS LONG LEADS H = 18.5 mm P0 = 12.7 mm lt = 3.5 + 1/-0.5 mm lt = 5.0 ± 1.0 mm SPQ lt = 25.0 ± 2.0 mm SPQ SPQ 0.001 4.0 x 10.0 x 12.5 0.6 21102 29154 1000 27102 1250 24102 1400 0.0012 21122 - 27122 24122 0.0015 21152 29155 27152 24152 0.0018 21182 - 27182 24182 0.0022 21222 29156 27222 24222 0.0027 21272 - 27272 1000 24272 1100 0.0033 21332 29157 27332 24332 0.0039 21392 - 27392 24392 0.0047 21472 29158 27472 24472 0.0056 21562 - 27562 24562 0.0068 21682 29159 27682 24682 0.0082 21822 - 27822 24822 0.01 21103 29161 27103 24103 0.012 21123 - 27123 24123 0.015 21153 29162 27153 24153 0.018 21183 - 27183 24183 0.022 21223 29163 27223 24223 0.027 21273 - 750 27273 750 24273 900 0.033 21333 29164 27333 24333 |
Numéro de pièce similaire - BFC2336283 |
|
Description similaire - BFC2336283 |