Moteur de recherche de fiches techniques de composants électroniques |
|
BFC2336223 Fiches technique(PDF) 5 Page - Vishay Siliconix |
|
BFC2336223 Fiches technique(HTML) 5 Page - Vishay Siliconix |
5 / 17 page Document Number: 28120 For technical questions, contact: RFI@vishay.com www.vishay.com Revision: 08-Oct-08 5 MKP 336 2 X2 Interference Suppression Film Capacitors MKP Radial Potted Type Vishay BCcomponents PITCH: 10.0 mm; C-TOL = ± 5 % Notes (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information” (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only C (µF) DIMENSIONS w x h x l (mm) MASS (g) (3) CATALOG NUMBER BFC2 336 ..... AND PACKAGING LOOSE IN BOX REEL (500 mm) (1) (2) SHORT LEADS LONG LEADS H = 18.5 mm P0 = 12.7 mm lt = 3.5 + 1/-0.5 mm lt = 5.0 ± 1.0 mm SPQ lt = 25.0 ± 2.0 mm SPQ SPQ 0.001 4.0 x 10.0 x 12.5 0.6 22102 - 1000 28102 1250 25102 1400 0.0012 22122 - 28122 25122 0.0015 22152 - 28152 25152 0.0018 22182 - 28182 25182 0.0022 22222 - 28222 25222 0.0027 22272 - 28272 1000 25272 1100 0.0033 22332 - 28332 25332 0.0039 22392 - 28392 25392 0.0047 22472 - 28472 25472 0.0056 22562 - 28562 25562 0.0068 22682 - 28682 25682 0.0082 22822 - 28822 25822 0.01 22103 - 28103 25103 0.012 22123 - 28123 25123 0.015 22153 - 28153 25153 0.018 22183 - 28183 25183 0.022 22223 - 28223 25223 0.027 22273 - 750 28273 750 25273 900 0.033 22333 - 28333 25333 |
Numéro de pièce similaire - BFC2336223 |
|
Description similaire - BFC2336223 |