Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4480DY Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce SI4480DY
Description  80V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4480DY Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  SI4480DY Datasheet HTML 1Page - Fairchild Semiconductor SI4480DY Datasheet HTML 2Page - Fairchild Semiconductor SI4480DY Datasheet HTML 3Page - Fairchild Semiconductor SI4480DY Datasheet HTML 4Page - Fairchild Semiconductor SI4480DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4480DY Rev A
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Single Pulse Drain-Source
Avalanche Energy
VDD = 40 V, ID = 7.6 A
245
mJ
IAR
Maximum Drain-Source Avalanche Current
7.6
A
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
80
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
81
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage, Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage, Reverse
VGS = -20 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
22.5
4
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
-7
mV/°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 7.6 A
VGS = 10 V, ID = 7.6 A, TJ=125°C
VGS = 6 V, ID = 7 A
0.022
0.037
0.024
0.029
0.055
0.033
ID(on)
On-State Drain Current
VGS = 10 V, VDS = 5 V
30
A
gFS
Forward Transconductance
VDS = 5 V, ID = 7.6 A
28
S
Dynamic Characteristics
Ciss
Input Capacitance
1800
pF
Coss
Output Capacitance
180
pF
Crss
Reverse Transfer Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
90
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
13
26
ns
tr
Turn-On Rise Time
8
20
ns
td(off)
Turn-Off Delay Time
34
60
ns
tf
Turn-Off Fall Time
VDD = 40 V, ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
16
30
ns
Qg
Total Gate Charge
34
46
nC
Qgs
Gate-Source Charge
6.1
nC
Qgd
Gate-Drain Charge
VDS = 40 V, ID = 7.6 A,
VGS = 10 V
6.9
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
2.1
A
VSD
Drain-Source Diode Forward VoltageVGS = 0 V, IS = 2.1 A
(Note 2)
0.74
1.2
V
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 50
° C/W when
mounted on a 1 in2
pad of 2 oz. copper.
b) 105
° C/W when
mounted on a 0.04 in2
pad of 2 oz. copper.
c) 125
° C/W when
mounted on a minimum
pad.


Numéro de pièce similaire - SI4480DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4480DY VISHAY-SI4480DY Datasheet
85Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. E, 27-Apr-09
logo
VBsemi Electronics Co.,...
SI4480DY-T1-E3 VBSEMI-SI4480DY-T1-E3 Datasheet
611Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Description similaire - SI4480DY

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3580 FAIRCHILD-FDS3580_00 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3580 FAIRCHILD-FDD3580 Datasheet
125Kb / 5P
   80V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com