Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1562Q Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA1562Q
Description  70 W high efficiency power amplifier with diagnostic facility
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562Q Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA1562Q Datasheet HTML 7Page - NXP Semiconductors TDA1562Q Datasheet HTML 8Page - NXP Semiconductors TDA1562Q Datasheet HTML 9Page - NXP Semiconductors TDA1562Q Datasheet HTML 10Page - NXP Semiconductors TDA1562Q Datasheet HTML 11Page - NXP Semiconductors TDA1562Q Datasheet HTML 12Page - NXP Semiconductors TDA1562Q Datasheet HTML 13Page - NXP Semiconductors TDA1562Q Datasheet HTML 14Page - NXP Semiconductors TDA1562Q Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2003 Feb 12
11
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
Vth2+
threshold voltage 2+
class-B
→ class-H
−−
4.2
V
Vth2−
threshold voltage 2
class-H
→ class-B
3.3
−−
V
VstH2
hysteresis
(Vth2+ − Vth1−)−
200
mV
PIN STAT AS OUTPUT
Ist(mute)
mute acknowledge sink current
2.2
−−
mA
Vst(mute)
mute acknowledge output voltage
Ist = 2.2 mA
−−
0.5
V
Ist(clB)
class-B operation output current
15
−−µA
Vst(clB)
class-B operation output voltage
Ist =15 µA
2.0
3.0
V
Ist(clH)
class-H operation source current
−140
−−µA
Vst(clH)
class-H operation output voltage
Ist = −140 µAVP − 2.5 −−
V
Tc(th)
threshold case temperature sensor
120
−°C
Diagnostic output DIAG
VDIAG
output voltage
active LOW
−−
0.6
V
RL
load resistance for open load detection
100
−−Ω
Tj(th)
threshold junction temperature sensor
145
−°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.6 Supply voltage transfer characteristic.
handbook, full pagewidth
VPH1
Vth−
Vth+
MGL267
fast mute
on
VP


Numéro de pièce similaire - TDA1562Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

Description similaire - TDA1562Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
E-TDA7396 STMICROELECTRONICS-E-TDA7396 Datasheet
285Kb / 11P
   45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
logo
Sanyo Semicon Device
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
   1.2 W High Efficiency Power Amplifier 800 - 960 MHz
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com