Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

Q48SE12025NRFA Fiches technique(PDF) 6 Page - Delta Electronics, Inc.

No de pièce Q48SE12025NRFA
Description  Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/25A out, 300W
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SE12025NRFA Fiches technique(HTML) 6 Page - Delta Electronics, Inc.

Back Button Q48SE12025NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SE12025NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS_Q48SE12025_06242013
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 12: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(20 mA/div2us/div).
Figure 13: Output voltage noise and ripple measurement test
setup.
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
OUTPUT CURRENT (A)
Figure 14: Output voltage ripple at nominal input voltage and
rated load current (Io=25A)(20 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz.
Figure 15: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn