Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA44115 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce PZTA44115
Description  NPN high-voltage transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZTA44115 Fiches technique(HTML) 3 Page - NXP Semiconductors

  PZTA44115 Datasheet HTML 1Page - NXP Semiconductors PZTA44115 Datasheet HTML 2Page - NXP Semiconductors PZTA44115 Datasheet HTML 3Page - NXP Semiconductors PZTA44115 Datasheet HTML 4Page - NXP Semiconductors PZTA44115 Datasheet HTML 5Page - NXP Semiconductors PZTA44115 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1999 May 21
3
NXP Semiconductors
Product data sheet
NPN high-voltage transistor
PZTA44
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
91
K/W
Rth j-s
thermal resistance from junction to soldering point
10
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 400 V
100
nA
IE = 0; VCB = 400 V; Tj = 150 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB = 4 V
100
nA
hFE
DC current gain
VCE = 10 V
IC = 1 mA
40
IC = 10 mA
50
200
IC = 50 mA; note 1
45
IC = 100 mA; note 1
40
VCEsat
collector-emitter saturation voltage
IC = 1 mA; IB = 0.1 mA
400
mV
IC = 10 mA; IB = 1 mA
500
mV
IC = 50 mA; IB = 5 mA; note 1
750
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 1 mA; note 1
850
mV
Cc
collector capacitance
IE = ie = 0; VCB = 20 V; f = 1 MHz
7
pF
Ce
emitter capacitance
IC = ic = 0; VEB = 500 mV;
f = 1 MHz
180
pF
fT
transition frequency
IC = 10 mA; VCE = 10 V;
f = 100 MHz
20
MHz


Numéro de pièce similaire - PZTA44115

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZTA44 PHILIPS-PZTA44 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Micro Commercial Compon...
PZTA44 MCC-PZTA44 Datasheet
791Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Weitron Technology
PZTA44 WEITRON-PZTA44 Datasheet
274Kb / 3P
   NPN Silicon Planar Epitaxial Transistor
logo
Diotec Semiconductor
PZTA44 DIOTEC-PZTA44 Datasheet
164Kb / 2P
   SMD High Voltage NPN Transistors
logo
Unisonic Technologies
PZTA44 UTC-PZTA44 Datasheet
81Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Description similaire - PZTA44115

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com