Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70T Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAV70T
Description  High-speed switching diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV70T Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAV70T Datasheet HTML 1Page - NXP Semiconductors BAV70T Datasheet HTML 2Page - NXP Semiconductors BAV70T Datasheet HTML 3Page - NXP Semiconductors BAV70T Datasheet HTML 4Page - NXP Semiconductors BAV70T Datasheet HTML 5Page - NXP Semiconductors BAV70T Datasheet HTML 6Page - NXP Semiconductors BAV70T Datasheet HTML 7Page - NXP Semiconductors BAV70T Datasheet HTML 8Page - NXP Semiconductors BAV70T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BAV70_SER_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 27 November 2007
4 of 15
NXP Semiconductors
BAV70 series
High-speed switching diodes
[1]
Tj =25 °C prior to surge.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[3]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Ptot
total power dissipation
[2]
BAV70
Tamb ≤ 25 °C
-
250
mW
BAV70M
Tamb ≤ 25 °C
[3] -
250
mW
BAV70S
Ts =60 °C
-
350
mW
BAV70T
Ts =90 °C
-
170
mW
BAV70W
Tamb ≤ 25 °C
-
200
mW
Per device
IF
forward current
BAV70
Tamb ≤ 25 °C
-
125
mA
BAV70M
Ts =90 °C
-
75
mA
BAV70S
Ts =60 °C
-
100
mA
BAV70T
Ts =90 °C
-
75
mA
BAV70W
Tamb ≤ 25 °C
-
100
mA
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
BAV70
-
-
500
K/W
BAV70M
[2] -
-
500
K/W
BAV70W
-
-
625
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
BAV70
-
-
360
K/W
BAV70W
-
-
300
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
BAV70S
-
-
255
K/W
BAV70T
-
-
350
K/W


Numéro de pièce similaire - BAV70T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAV70T PHILIPS-BAV70T Datasheet
72Kb / 12P
   High-speed double diode
1997 Dec 19
logo
Shenzhen Luguang Electr...
BAV70T LUGUANG-BAV70T Datasheet
223Kb / 2P
   Switching Diode
logo
Galaxy Semi-Conductor H...
BAV70T BILIN-BAV70T Datasheet
165Kb / 4P
   High-speed double Diode
logo
Diodes Incorporated
BAV70T DIODES-BAV70T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Shenzhen Luguang Electr...
BAV70T LUGUANG-BAV70T Datasheet
223Kb / 2P
   Switching Diode
More results

Description similaire - BAV70T

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com