Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70T Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BAV70T
Description  High-speed switching diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV70T Fiches technique(HTML) 2 Page - NXP Semiconductors

  BAV70T Datasheet HTML 1Page - NXP Semiconductors BAV70T Datasheet HTML 2Page - NXP Semiconductors BAV70T Datasheet HTML 3Page - NXP Semiconductors BAV70T Datasheet HTML 4Page - NXP Semiconductors BAV70T Datasheet HTML 5Page - NXP Semiconductors BAV70T Datasheet HTML 6Page - NXP Semiconductors BAV70T Datasheet HTML 7Page - NXP Semiconductors BAV70T Datasheet HTML 8Page - NXP Semiconductors BAV70T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BAV70_SER_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 27 November 2007
2 of 15
NXP Semiconductors
BAV70 series
High-speed switching diodes
2.
Pinning information
3.
Ordering information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
BAV70; BAV70T; BAV70W
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
BAV70M
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
BAV70S
1
anode (diode 1)
2
anode (diode 2)
3
common cathode (diode 3
and diode 4)
4
anode (diode 3)
5
anode (diode 4)
6
common cathode (diode 1
and diode 2)
006aaa144
12
3
006aab034
1
3
2
3
1
2
Transparent
top view
006aab034
1
3
2
13
2
4
5
6
006aab104
13
6
2
54
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV70
-
plastic surface-mounted package; 3 leads
SOT23
BAV70M
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
BAV70S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAV70T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BAV70W
SC-70
plastic surface-mounted package; 3 leads
SOT323


Numéro de pièce similaire - BAV70T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAV70T PHILIPS-BAV70T Datasheet
72Kb / 12P
   High-speed double diode
1997 Dec 19
logo
Shenzhen Luguang Electr...
BAV70T LUGUANG-BAV70T Datasheet
223Kb / 2P
   Switching Diode
logo
Galaxy Semi-Conductor H...
BAV70T BILIN-BAV70T Datasheet
165Kb / 4P
   High-speed double Diode
logo
Diodes Incorporated
BAV70T DIODES-BAV70T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Shenzhen Luguang Electr...
BAV70T LUGUANG-BAV70T Datasheet
223Kb / 2P
   Switching Diode
More results

Description similaire - BAV70T

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com