Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC125ABQ Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
74LVC125ABQ Fiches technique(HTML) 4 Page - NXP Semiconductors |
4 / 16 page 74LVC125A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 7 — 11 April 2013 4 of 16 NXP Semiconductors 74LVC125A Quad buffer/line driver with 5 V tolerant input/outputs; 3-state 7. Limiting values [1] The minimum input voltage ratings may be exceeded if the input current ratings are observed. [2] The output voltage ratings may be exceeded if the output current ratings are observed. [3] For SO14 packages: above 70 C derate linearly with 8 mW/K. For (T)SSOP14 packages: above 60 C derate linearly with 5.5 mW/K. For DHVQFN14 packages: above 60 C derate linearly with 4.5 mW/K. 8. Recommended operating conditions Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +6.5 V IIK input clamping current VI < 0 V 50 - mA VI input voltage [1] 0.5 +6.5 V IOK output clamping current VO > VCC or VO < 0 V - 50 mA VO output voltage output HIGH or LOW-state [2] 0.5 VCC + 0.5 V output 3-state [2] 0.5 +6.5 V IO output current VO = 0 V to VCC - 50 mA ICC supply current - 100 mA IGND ground current 100 - mA Ptot total power dissipation Tamb = 40 C to +125 C [3] -500 mW Tstg storage temperature 65 +150 C Table 5. Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage 1.65 - 3.6 V functional 1.2 - - V VI input voltage 0 - 5.5 V VO output voltage output HIGH or LOW state 0 - VCC V output 3-state 0 - 5.5 V Tamb ambient temperature 40 - +125 C t/V input transition rise and fall rate VCC = 2.3 V to 2.7 V 0 - 20 ns/V VCC = 2.7 V to 3.6 V 0 - 10 ns/V |
Numéro de pièce similaire - 74LVC125ABQ |
|
Description similaire - 74LVC125ABQ |