Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4066 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC4066
Description  Quad single-pole single-throw analog switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4066 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC4066 Datasheet HTML 1Page - NXP Semiconductors 74HC4066 Datasheet HTML 2Page - NXP Semiconductors 74HC4066 Datasheet HTML 3Page - NXP Semiconductors 74HC4066 Datasheet HTML 4Page - NXP Semiconductors 74HC4066 Datasheet HTML 5Page - NXP Semiconductors 74HC4066 Datasheet HTML 6Page - NXP Semiconductors 74HC4066 Datasheet HTML 7Page - NXP Semiconductors 74HC4066 Datasheet HTML 8Page - NXP Semiconductors 74HC4066 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 2 April 2013
4 of 25
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
7.
Limiting values
[1]
To avoid drawing VCC current out of terminal Z, when switch current flows in terminals Yn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn. In this case there is
no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or GND.
[2]
For DIP14 package: Ptot derates linearly with 12 mW/K above 70 C.
For SO14 package: Ptot derates linearly with 8 mW/K above 70 C.
For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 C.
Table 3.
Function table[1]
Input nE
Switch
LOFF
HON
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW >VCC +0.5 V
-
20
mA
ISW
switch current
VSW = 0.5 V to VCC +0.5 V
[1] -
25
mA
ICC
supply current
-
50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2]
DIP14 package
-
750
SO14, (T)SSOP14 and DHVQFN14
packages
-500
P
power dissipation
per switch
-
100
mW


Numéro de pièce similaire - 74HC4066

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC4066 PHILIPS-74HC4066 Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HC4066 NXP-74HC4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HC4066 NEXPERIA-74HC4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
More results

Description similaire - 74HC4066

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com