Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE12S0A0V10PKFC Fiches technique(PDF) 6 Page - Delta Electronics, Inc.

No de pièce NE12S0A0V10PKFC
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V10PKFC Fiches technique(HTML) 6 Page - Delta Electronics, Inc.

Back Button NE12S0A0V10PKFC Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0V10PKFC Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS_NE12S10A_07092013
6
FEATURES DESCRIPTIONS
Enable (On/Off)
The ENABLE (on/off) input allows external circuitry to
put the NE converter into a low power dissipation (sleep)
mode. Positive ENABLE is available as standard. With
the active high function, the output is guaranteed to turn
on if the ENABLE pin is driven above 0.8V. The output
will turn off if the ENABLE pin voltage is pulled below
0.3V.
Undervoltage Lockout
The ENABLE pin is also used as input UVLO function.
Leaving the enable floating, the module will turn on if the
input voltage is higher than the turn-on threshold and
turn off if the input voltage is lower than the turn-off
threshold. The default turn-on voltage is 3.1V with
300mV hysteresis.
The turn-on voltage may be adjusted with a resistor
placed between the
“Enable” pin and “Ground” pin. The
equation for calculating the value of this resistor is:
8
.
0
34
.
6
34
.
6
05
.
15
_
R
R
V
RTH
EN
V
V
V
RTH
EN
FTH
EN
3
.
0
_
_
NE10A/6A
R
Enable
Fig. 18. UVLO setting
FTH
EN
V
_
is the turn-off threshold
RTH
EN
V
_
is the turn-on threshold
R (Kohm) is the outen resistor connected from Enable
pin to the GND
An active high voltage will disable the input UVLO
function.
DESIGN CONSIDERATIONS
The NE10 is a single phase and voltage mode controlled
Buck topology. The output can be trimmed in the range
of 0.59Vdc to 5.1Vdc by a resistor from Trim pin to
Ground.
The converter can be turned ON/OFF by remote control
with positive on/off (ENABLE pin) logic. The converter
DC output is disabled when the signal is driven low
(below 0.3V). This pin is also used as the input turn on
threshold judgment. Its voltage is percent of Input
voltage during floating due to internal connection. So we
do not suggest using an active high signal (higher than
0.8V) to turn on the module because this high level
voltage will disable UVLO function. The module will turn
on when this pin is floating and the input voltage is
higher than the threshold.
The converter can protect itself by entering hiccup mode
against over current and short circuit condition. Also, the
converter will shut down when an over voltage protection
is detected.
Safety Considerations
It is recommended that the user to provide a very
fast-acting type fuse in the input line for safety. The
output voltage set-point and the output current in the
application could define the amperage rating of the fuse.


Numéro de pièce similaire - NE12S0A0V10PKFC

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
656Kb / 12P
   Voltage Margining Adjustment
NE12S0A0V10PNFC DELTA-NE12S0A0V10PNFC Datasheet
656Kb / 12P
   Voltage Margining Adjustment
More results

Description similaire - NE12S0A0V10PKFC

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com