Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3727DWP Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC3727DWP
Description  Isolated High Side IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3727DWP Fiches technique(HTML) 2 Page - Texas Instruments

  UC3727DWP Datasheet HTML 1Page - Texas Instruments UC3727DWP Datasheet HTML 2Page - Texas Instruments UC3727DWP Datasheet HTML 3Page - Texas Instruments UC3727DWP Datasheet HTML 4Page - Texas Instruments UC3727DWP Datasheet HTML 5Page - Texas Instruments UC3727DWP Datasheet HTML 6Page - Texas Instruments UC3727DWP Datasheet HTML 7Page - Texas Instruments UC3727DWP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CONNECTION DIAGRAMS
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
VEE
2
N/C
3-4
COM
5
CLAMP
6
B7
A8
VCC
9
PVCC
10
OUT
11
PVEE
12-18
DSAT+
19
DSAT-
20
ENBL
21
NC
22
TRC
23
FRC
24
FRPLY
25
N/C
26
N/C
27
N/C
28
PLCC-28 (Top View)
QP Package
LCC-28 (Top View)
LP Package
DIL-20 (Top View)
N Package
UC1727
UC2727
UC3727
Supply voltage (VCC - VEE). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Power Inputs (|A - B|) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V
Analog Input Voltage (ENBL, CLAMP). . . . . . . . . . . . . . . . . . -0.3 To Vcc+0.3
Analog Input Voltage (DSAT+, DSAT-) . . . . . . . . . . . . . . . . VEE-0.3 to VCC+0.3
Analog Input Current (DSAT+, DSAT-) . . . . . . . . . . . . . . . . . . . . . . -10 to 10mA
Output Current,
(OUT)
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8A
Pulse (0.5
µs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A
FRPLY Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Note: All voltages are with respect to COM. Currents are positive into the
specified terminal.
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
VEE
2
N/C
3-4
COM
5
CLAMP
6
B7
A8
VCC
9
PVCC
10
OUT
11
N/C
12-13
PVEE
14
N/C
15-18
DSAT+
19
DSAT-
20
ENBL
21
NC
22
TRC
23
FRC
24
FRPLY
25
N/C
26-28
ABSOLUTE MAXIMUM RATINGS
DIL-18 (Top View)
J Package
SOIC-28 (Top View)
DWP Package
2


Numéro de pièce similaire - UC3727DWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3727 TI-UC3727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
More results

Description similaire - UC3727DWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com