Moteur de recherche de fiches techniques de composants électroniques |
|
DZ02D1203A Fiches technique(PDF) 3 Page - Delta Electronics, Inc. |
|
DZ02D1203A Fiches technique(HTML) 3 Page - Delta Electronics, Inc. |
3 / 4 page DS_DD03S/D_03152012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc Power Derating Curve Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100% 3 Ripple & Noise measurement bandwidth is 0-20MHz. 4 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 5 All DC/DC converters should be externally fused at the front end for protection. 6 Specifications subject to change without notice. Mechancial Drawing Mechanical Dimensions Pin Connections Pin Single Output Dual Output 1 +Vin +Vin 2 NC -Vout 3 NC Common 10 -Vout Common 11 +Vout +Vout 12 -Vin -Vin 13 -Vin -Vin 14 +Vout +Vout 15 -Vout Common 22 NC Common 23 NC -Vout 24 +Vin +Vin NC: No Connection ► All dimensions in mm (inches) ► Tolerance: X.X±0.25 (X.XX±0.01) X.XX±0.13 ( X.XXX±0.005) ► Pin diameter ⇔ 0.5 ±0.05 (0.02±0.002) Physical Outline Case Size : 31.8x20.3x10.2mm (1.25x0.80x0.40 Inches) Case Material : Non-Conductive Black Plastic (flammability to UL 94V-0 rated) Weight : 12.4g P3 Bottom View 12 11 12 13 15 23 24 17.78 [0.70] 31.8 [1.25] 2x2.54 [2x0.10] 2.0 [0.08] 14 3 10 22 2x2.54 [2x0.10] 0.50 [0.02] |
Numéro de pièce similaire - DZ02D1203A |
|
Description similaire - DZ02D1203A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |