Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA2-2400-DLT-STD Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce SA2-2400-DLT-STD
Description  SA2 Series High Voltage Gas Discharge Tube
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SA2-2400-DLT-STD Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  SA2-2400-DLT-STD Datasheet HTML 1Page - Bourns Electronic Solutions SA2-2400-DLT-STD Datasheet HTML 2Page - Bourns Electronic Solutions SA2-2400-DLT-STD Datasheet HTML 3Page - Bourns Electronic Solutions SA2-2400-DLT-STD Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SA2 Series High Voltage Gas Discharge Tube
Environmental Characteristics
Section
Category
Test
Condition
IEC 60068-2-13 test M
Operational
Low Air Pressure
Temp. +55 °C, Time 0.5 Sec., Pressure 600 hPa
IEC 60068-2-1, test Ab
Non-
Operational
Cold
+40 °C, 96 Hours
IEC 60068-2-2, test Bb
Dry Heat
+100 °C, 96 Hours
IEC 60068-2-30, test Ca
Damp Heat, Steady State
+40 °C, 93 % RH, 21 Days
IEC 60068-2-14, test Na
Rapid Change in Temperature
Upper Temp. +100 ° C, Lower Temp. -40 °C, 5 Cycles
IEC 60068-2-6, test Fc
Vibration
10-55 Hz, 30 Min. per Axis, Double Amplitude 0.70 Min.
IEC 60068-2-27, test Ea
Shock Test
30 g, 11 ms, Half Sine Pulse
IEC 60068-2-20, test Ta
Solderability
Method 1, +235 °C, 2 Sec., Aging
IEC 60068-2-20, test Tb
Resistance to Soldering Heat
Method 1A, +260 °C, 5 Sec.
IEC 60068-2-21
Robustness of Terminations
Ua1 (Tensile), Ua2 (Thrust), Ub (Bending) and Uc (Torsion)
How to Order
SA 2 - nnnn - x x x - STD
Series Designator
No. of Electrodes
2 = 2 Electrodes
Breakdown Voltage
2400 = 2400 V
6200 = 6200 V
3000 = 3000 V
6300 = 6300 V
3600 = 3600 V
7200 = 7200 V
5500 = 5500 V
Tolerance
C = -20 % to +20 %
D = -15 % to +20 %
Lead Shape
B = Bent Leads*
C = No Leads*
K = Bent Leads with Kinks*
K1 = Bent Leads with Kinks*
L = Straight Leads**
Packaging
B = Bulk
T = Tape & Reel
Standard or Modified Product Indicator
STD = Standard
* Available in bulk packaging only.
** Bulk packaging available for straight lead devices ≤3600 V. Devices >3600 V available in tape and
reel only.
Typical Part Marking
Below 3 kV.........................
SA2-xxxx
3 kV and Up................
SA2-xxxxxxxx


Numéro de pièce similaire - SA2-2400-DLT-STD

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SA2-2400-DLT-STD BOURNS-SA2-2400-DLT-STD Datasheet
328Kb / 4P
   High Voltage Gas Discharge Tube
More results

Description similaire - SA2-2400-DLT-STD

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SA2-2400-CBB-STD BOURNS-SA2-2400-CBB-STD_14 Datasheet
328Kb / 4P
   High Voltage Gas Discharge Tube
logo
UN Semiconducctor INC
UN2E5 UNSEMI-UN2E5_V01 Datasheet
3Mb / 6P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
UN2H8 UNSEMI-UN2H8 Datasheet
3Mb / 7P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
logo
Bourns Electronic Solut...
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80_15 Datasheet
237Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com