Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3825-50DBVT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3825-50DBVT
Description  Processor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3825-50DBVT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS3825-50DBVT Datasheet HTML 2Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 3Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 4Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 5Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 6Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 7Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 8Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 9Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS382x-xx
TPS382xA-xx
SLVS165J – APRIL 1998 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS382x-25
TPS382x-30
–400
Output short-circuit
IOS
RESET
VDD = VIT, max + 0.2 V, VO = 0 V
µA
TPS382x-33
current(3)
TPS382xA-33
TPS382x-50
–800
IDD
Supply current
WDI, MR, and Outputs unconnected
15
25
µA
Internal pullup resistor at MR
52
k
Ω
Ci
Input capacitance at MR, WDI
VI = 0 V to 5.5 V
5
pF
(3)
The RESET short-circuit current is the maximum pullup current when RESET is driven low by a
μP bidirectional reset pin.
TIMING REQUIREMENTS AT
At RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
at VDD
VDD = VIT− + 0.2 V, VDD = VIT– – 0.2 V
6
μs
tw
Pulse width
at MR
VDD ≥ VIT− + 0.2 V, VIL = 0.3 x VDD, VIH = 0.7 x VDD
1
μs
at WDI
VDD ≥ VIT− + 0.2 V, VIL = 0.3 x VDD, VIH = 0.7 x VDD
100
ns
SWITCHING CHARACTERISTICS
At RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS3820
112
200
300
ms
VDD ≥ VIT− + 0.2 V,
ttout
Watchdog time out
See timing diagram
TPS3823/4/8, TPS3823A
0.9
1.6
2.5
s
TPS3820
15
25
37
VDD ≥ VIT− +0.2 V,
td
Delay time
ms
See timing diagram
TPS3823/4/5/8, TPS3823A
120
200
300
VDD ≥ VIT− +0.2 V,
MR to RESET delay
VIL = 0.3 x VDD,
0.1
(TPS3820/3/5/8, TPS3823A)
Propagation (delay) time,
VIH = 0.7 x VDD
tPHL
µs
high-to-low-level output
VIL = VIT– –0.2 V,
VDD to RESET delay
25
VIH = VIT– + 0.2 V
VDD ≥ VIT− +0.2 V,
MR to RESET delay (TPS3824/5)
VIL = 0.3 x VDD,
0.1
Propagation (delay) time,
VIH = 0.7 x VDD
tPLH
µs
low-to-high-level output
VIL = VIT– –0.2 V,
VDD to RESET delay
25
(TPS3824/5)
VIH = VIT– + 0.2 V
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: TPS382x-xx TPS382xA-xx


Numéro de pièce similaire - TPS3825-50DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI1-TPS3825-50DBVT Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI1-TPS3825-50DBVT Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Description similaire - TPS3825-50DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com