Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29147 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL29147
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29147 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL29147 Datasheet HTML 1Page - Intersil Corporation ISL29147 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Low Power Ambient Light and Proximity Sensor with
Enhanced Infrared Rejection
ISL29147
The ISL29147 is a low power Ambient Light Sensor (ALS) and
proximity (PROX) sensor. It has a built-in IR-LED for the
proximity function. The ALS function measures the amount of
light (in the visible spectrum) incident on the ISL29147.
The ALS function has a programmable ambient IR-rejection,
which allows fine tuning of light source variations and is ideal
for light sensor applications under dark protective glass. The
ALS provides a 12-bit measurement. A passive optical filter
removes unwanted wavelengths (IR or Ultraviolet) to ensure
accurate ALS measurement.
The proximity function includes a new offset adjustment to
compensate for the IR light reflected off the inside of the
protective glass cover and back to the ISL29147 sensor. This
offset adjustment allows the sensor to compensate for these
internal reflections and preserve the dynamic range of the
proximity measurement.
The built-in current-driver pulses an external infrared LED at a
programmed current for 90µs. The infrared light that is
reflected and received by the ISL29147 is digitized by an 8-bit
ADC. The proximity sensor also has a passive optical filter
designed to pass IR and reject visible wavelengths.
The ISL29147 provides a hardware pin to indicate an interrupt
event. The interrupt pin saves power as the host micro-controller
can ‘wake-up’ on an interrupt event and does not need to poll
the device for an interrupt event. The interrupt generator is
user configurable and provides several options for ALS and
PROX trigger configurations. The ISL29147 supports an SMBus
compatible I2C interface for configuration and control.
Features
• Internal IR-LED and sensor for a complete solution
• Ideal for applications under dark or tinted glass
• Enhanced ambient sunlight rejection to 40k Lux
• Programmable proximity sleep time between proximity
measurements optimizes power consumption
• Hardware interrupt - no polling required
• Programmable IR compensation to fine-tune ALS
performance for various glass compositions
• Programmable IR LED drive current to 250mA
• Operates from 2.25V to 3.63V VDD
• Power-down IDD, typical 0.2µADC
• Tiny 2.40x4x1.2 (mm) optical co-package
Applications
• Display dimming and adjustment
- Mobile devices: smart phones, PDA, GPS
- Computing: monitors, laptops, notebooks
- Picture frames, tablet-PCs, LCD-TV
• Object detection
- Touchscreen disabling
-Smart power-saving
FIGURE 1. TYPICAL APPLICATIONS CIRCUIT
5
6
7
8
4
3
2
1
VDD
SCL
GND
LED+
SDA
INT
IRDR
LED-
ISL29147
C1, C2: 1µF CERAMIC 10V CAPACITOR
INT
SDA
SCL
SMBus MASTER
VDD
C2
1µF
C1
1µF
VDD_PULLUP
U1
INT PULLUPs
SCL, SDA and
R1
100Ω
R1: 100Ω 5% RESISTOR
September 16, 2013
FN8409.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - ISL29147

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29147IROMZ-EVALZ INTERSIL-ISL29147IROMZ-EVALZ Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
logo
Renesas Technology Corp
ISL29147IROMZ-EVALZ RENESAS-ISL29147IROMZ-EVALZ Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
More results

Description similaire - ISL29147

FabricantNo de pièceFiches techniqueDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com