Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1048-7-TB-E Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce 2SD1048-7-TB-E
Description  Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1048-7-TB-E Fiches technique(HTML) 2 Page - ON Semiconductor

  2SD1048-7-TB-E Datasheet HTML 1Page - ON Semiconductor 2SD1048-7-TB-E Datasheet HTML 2Page - ON Semiconductor 2SD1048-7-TB-E Datasheet HTML 3Page - ON Semiconductor 2SD1048-7-TB-E Datasheet HTML 4Page - ON Semiconductor 2SD1048-7-TB-E Datasheet HTML 5Page - ON Semiconductor 2SD1048-7-TB-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SB815 / 2SD1048
No.694-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)15V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE1VCE=(--)2V, IC=(--)50mA
(200*)200*
(600*)900*
hFE2VCE=(--)2V, IC=(--)500mA
80
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
250
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(13)8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=(--)5mA, IB=(--)0.5mA
(--15)10
(--35)25
mV
VCE(sat)2
IC=(--)100mA, IB=(--)10mA
(--60)30
(--120)80
mV
* : The 2SB815/2SD1048 are classified by 50mA hFE as follows :
Rank
6
7
8
hFE
200 to 400
300 to 600
450 to 900
Ordering Information
Device
Package
Shipping
memo
2SB815-6-TB-E
CP
3,000pcs./reel
Pb Free
2SB815-7-TB-E
CP
3,000pcs./reel
2SD1048-6-TB-E
CP
3,000pcs./reel
2SD1048-7-TB-E
CP
3,000pcs./reel


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn