Moteur de recherche de fiches techniques de composants électroniques |
|
2SA1552T-H Fiches technique(PDF) 2 Page - ON Semiconductor |
|
2SA1552T-H Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 10 page 2SA1552 / 2SC4027 No.2262-2/10 Continued from preceding page. Parameter Symbol Conditions Ratings Unit Collector Dissipation PC 1W Tc=25°C15 W Junction Temperature Tj 150 °C Storage Temperature Tstg --55 to +150 °C Electrical Characteristics at Ta=25°C Parameter Symbol Conditions Ratings Unit min typ max Collector Cutoff Current ICBO VCB=(--)120V, IE=0A (--)1.0 μA Emitter Cutoff Current IEBO VEB=(--)4V, IC=0A (--)1.0 μA DC Current Gain hFE1VCE=(--)5V, IC=(--)100mA 100* 400* hFE2VCE=(--)5V, IC=(--)10mA 80 Gain-Bandwidth Product fT VCE=(--)10V, IC=(--)50mA 120 MHz Output Capacitance Cob VCB=(--)10V, f=1MHz (22)12 pF Collector-to-Emitter Saturation Voltage VCE(sat) IC=(--)500mA, IB=(--)50mA (--0.2)0.13 (--0.5)0.45 V Base-to-Emitter Saturation Voltage VBE(sat) IC=(--)500mA, IB=(--)50mA (--)0.85 (--)1.2 V Collector-to-Base Breakdown Voltage V(BR)CBO IC=(--)10μA, IE=0A (--)180 V Collector-to-Emitter Breakdown Voltage V(BR)CEO IC=(--)1mA, RBE=∞ (--)160 V Emitter-to-Base Breakdown Voltage V(BR)EBO IE=(--)10μA, IC=0A (--)6 V Turn-On Time ton See specified Test Circuit. 60 ns Storage Time tstg (0.7)1.2 μs Fall Time tf (50)80 ns * : The 2SA1552 / 2SC4027 are classified by 100mA hFE as follows : (unit : μA) Rank R S T hFE 100 to 200 140 to 280 200 to 400 Switching Time Test Circuit Ordering Information Device Package Shipping memo 2SA1552S-E TP 500pcs./bag Pb Free 2SA1552S-H TP 500pcs./bag Pb Free and Halogen Free 2SA1552T-E TP 500pcs./bag Pb Free 2SA1552T-H TP 500pcs./bag Pb Free and Halogen Free 2SC4027S-E TP 500pcs./bag Pb Free 2SC4027S-H TP 500pcs./bag Pb Free and Halogen Free 2SC4027T-E TP 500pcs./bag Pb Free 2SC4027T-H TP 500pcs./bag Pb Free and Halogen Free 2SA1552S-TL-E TP-FA 700pcs./reel Pb Free 2SA1552S-TL-H TP-FA 700pcs./reel Pb Free and Halogen Free 2SA1552T-TL-E TP-FA 700pcs./reel Pb Free 2SA1552T-TL-H TP-FA 700pcs./reel Pb Free and Halogen Free 2SC4027S-TL-E TP-FA 700pcs./reel Pb Free 2SC4027S-TL-H TP-FA 700pcs./reel Pb Free and Halogen Free 2SC4027T-TL-E TP-FA 700pcs./reel Pb Free 2SC4027T-TL-H TP-FA 700pcs./reel Pb Free and Halogen Free VR 100V RL 14kΩ --5V 10IB1= --10IB2=IC=0.7A For PNP, the polarity is reversed. ++ 50Ω INPUT OUTPUT RB 100μF 470μF PW=20μs IB1 IB2 D.C.≤1% Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Numéro de pièce similaire - 2SA1552T-H |
|
Description similaire - 2SA1552T-H |