Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1802S-E Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 2SD1802S-E
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1802S-E Fiches technique(HTML) 4 Page - ON Semiconductor

  2SD1802S-E Datasheet HTML 1Page - ON Semiconductor 2SD1802S-E Datasheet HTML 2Page - ON Semiconductor 2SD1802S-E Datasheet HTML 3Page - ON Semiconductor 2SD1802S-E Datasheet HTML 4Page - ON Semiconductor 2SD1802S-E Datasheet HTML 5Page - ON Semiconductor 2SD1802S-E Datasheet HTML 6Page - ON Semiconductor 2SD1802S-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1202/2SD1802
No.2113-4/7
--0.1
--1.0
3
25
7
3
25
7
3
2
--0.01
2SB1202
VCE= --10V
100
3
2
7
5
1000
3
2
7
5
10
ITR09170
0.1
1.0
3
25
7
3
25
7
3
2
0.01
2SD1802
VCE=10V
100
3
2
7
5
1000
3
2
7
5
10
ITR09171
--1.0
--10
5
7
3
5
7
3
2
1.0
10
7
5
3
7
5
3
2
2SD1667
ITR09176
ITR09177
Ta= --25
°C
25
°C
2SB1202
IC / IB=20
2SD1802
IC / IB=20
75
°C
Ta=
--25
°C
75°
C
Ta=
--25
°C
75°
C
Ta= --25°C
25
°C
75
°C
--0.1
--0.01
23
5
57
2
3
5
7
2
3
5
7
--1.0
--1000
5
3
2
7
5
3
2
7
--100
--10
ITR09174
ITR09175
0.01
0.1
72
3
5
57
2
3
5
7
2
3
5
1.0
--0.1
--0.01
23
5
57
2
3
5
7
2
3
5
7
--1.0
0.01
0.1
72
3
5
57
2
3
5
7
2
3
5
1.0
1000
5
3
7
2
5
3
7
2
100
10
25
°C
2SB1202
IC / IB=20
2SD1802
IC / IB=20
25°
C
37
2
1.0
10
53
7
2
100
5
ITR09173
2SD1802
f=1MHz
3
2
7
5
3
2
5
100
10
3
2
7
5
3
2
5
100
10
37
2
--1.0
--10
53
7
2
--100
5
ITR09172
2SB1202
f=1MHz
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector to Base Voltage, VCB -- V
Cob -- VCB
Collector to Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A


Numéro de pièce similaire - 2SD1802S-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1802S-E ONSEMI-2SD1802S-E Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SD1802S-E ONSEMI-2SD1802S-E Datasheet
215Kb / 8P
   Bipolar Transistor
March, 2019 ??Rev. 0
logo
Sanyo Semicon Device
2SD1802S-E SANYO-2SD1802S-E Datasheet
500Kb / 10P
   High-Current Switching Applications
2SD1802S-ETP SANYO-2SD1802S-ETP Datasheet
500Kb / 10P
   High-Current Switching Applications
More results

Description similaire - 2SD1802S-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com