Moteur de recherche de fiches techniques de composants électroniques |
|
U1206R220CCT Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
U1206R220CCT Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 5 page Multilayer Ceramic Capacitors Page <1> 14/01/12 V1.1 www.element14.com www.farnell.com www.newark.com Features: • A wide selection of sizes is available (0402 to 1812) • High capacitance in given case size • Capacitor with lead-free termination (pure Tin) Description MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve miniaturization, high density and high efficiency, ceramic condensers are used. POE’s MLCC is made by NP0, X7R and Y5V dielectric material and which provides product with high electrical precision, stability and reliability. Applications For general digital circuit. For power supply bypass capacitors. For consumer electronics. For telecommunication. External Dimensions Dimensions : Inches (Millimetres) Size Inches (mm) L (mm) W (mm) T (mm)/Symbol Remark MB (mm) 0603 (1608) 1.6 ±0.1 0.8 ±0.1 0.8 ±0.07 S 0.4 ±0.15 1.6 +0.15 /- 0.1 0.8 +0.15 / -0.1 0.8 +0.15 / -0.1 X 0805 (2012) 2 ±0.15 1.25 ±0.1 0.6 ±0.1 A 0.5 ±0.2 0.8 ±0.1 B 1.25 ±0.1 D # 1206 (3216) 3.2 ±0.15 1.6 ±0.15 0.8 ±0.1 B 0.6 ±0.2 0.95 ±0.1 C 1.15 ±0.15 J # 1.25 ±0.1 D 3.2 ±0.2 1.6 ±0.2 1.6 ±0.2 G 3.2 +0.3 / -0.1 1.6 +0.3 / -0.1 1.6 +0.3 / -0.1 P # Reflow soldering only is recommended. Dielectric NPO X7R Y5V Size 0603, 0805, 1206 Capacitance range* 0.5 pF to 0.039 µF 100 pF to 1 µF 10 nF to 680 nF Capacitance tolerance** Cap ≤ 5 pF: B (±0.1 pF), C (±0.25 pF) 5 pF< Cap < 10 pF: C (±0.25 pF), D (±0.5 pF) Cap ≥ 10 pF: F (±1%), G (±2%), J (±5%), K (±10%) J (±5%), K (±10%), M (±20%) M (±20%), Z (-20 / +80%) General Electrical Data |
Numéro de pièce similaire - U1206R220CCT |
|
Description similaire - U1206R220CCT |