Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9961 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9961 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9961 Datasheet HTML 6Page - Analog Devices AD9961 Datasheet HTML 7Page - Analog Devices AD9961 Datasheet HTML 8Page - Analog Devices AD9961 Datasheet HTML 9Page - Analog Devices AD9961 Datasheet HTML 10Page - Analog Devices AD9961 Datasheet HTML 11Page - Analog Devices AD9961 Datasheet HTML 12Page - Analog Devices AD9961 Datasheet HTML 13Page - Analog Devices AD9961 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 10 of 60
Pin No.
Mnemonic
Description
36
TRXCLK
Qualifying Clock for the TRXD Bus.
37
TXCLK
Qualifying Clock for the TXD Bus. It can be configured as either an input or output.
38
TXIQ/TXnRX
Dual Function Pin. In half-duplex mode (TXnRX), this pin controls the direction of the TRX port. In full-
duplex mode (TXIQ), this input signal indicates to which DAC, I or Q, the TxDAC input data is intended.
39 to 48
TXD9 to TXD0
TxDAC Input Data.
52
DVDD18
Digital Core 1.8 V Supply.
53
DLL18V
Output of DLL18V Voltage Regulator.
54
DLLFILT
DLL Filter Output.
55
CLK18V
Output of CLK18V Voltage Regulator.
56, 57
CLKN, CLKP
Differential Input Clock.
58
CLK33V
Input to CLK18V and DLL18V Voltage Regulators (1.8 V to 3.3 V). If LDOs are not being used, short Pin 58
to Pin 55. CLK33V must track TXVDD.
59, 60
TXQN, TXQP
Complementary DAC Q Current Outputs.
61, 67
TXVDD
Analog Supply Voltage for Tx Path (1.8 V to 3.3 V). TXVDD must track CLK33V.
62
TXCML
Common-Mode Input Voltage for the I and Q Tx DACs.
63
REFIO
Decoupling Point for Internal DAC 1.0 V Bandgap Reference. Use a 0.1 µF capacitor to AGND.
64
TXGND
Transmit Path Ground.
65, 66
TXIP, TXIN
Complementary DAC I Current Outputs.
68
DAC12B
Auxiliary DAC B Output.
69
DAC12A
Auxiliary DAC A Output.
70
AUXIO3
Selectable Analog Pin. Programmable to either Input 3 of the auxiliary ADC or to the auxiliary DAC10B
output.
71
AUXIO2
Selectable Analog Pin. Programmable to either Input 2 of the auxiliary ADC or to the auxiliary DAC10A
output.
72
AUXIN1
Input 1 of Auxiliary ADC.
EPAD
Thermal Pad Under Chip. This must be connected to AGND for proper chip operation. It provides both a
thermal and electrical connection to the PCB.


Numéro de pièce similaire - AD9961

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961-EBZ AD-AD9961-EBZ Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961BCPZ AD-AD9961BCPZ Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961BCPZRL AD-AD9961BCPZRL Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
More results

Description similaire - AD9961

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
logo
Maxim Integrated Produc...
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Analog Devices
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com