Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM100.SA Datasheet(Fiches technique) 4 Page - List of Unclassifed Manufacturers

Numéro de pièce SM100.SA
Description  General Purpose Tweezers
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SM100.SA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SM100.SA Datenblatt HTML 1Page - List of Unclassifed Manufacturers SM100.SA Datenblatt HTML 2Page - List of Unclassifed Manufacturers SM100.SA Datenblatt HTML 3Page - List of Unclassifed Manufacturers SM100.SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Tweezers -
19
SM112.SA
SM110.SA
4 3/4'' 120mm
for positioning monolithic chips capacitors, grooved tips
4 3/4'' 120mm
for positioning 5 mm monolithic chip capacitors
with flat base grooved tips ( 2 mm long)
SM111.SA
SM113.SA
SM115.SA
SM117.SA
SM114.SA
SM116.SA
K5SMD.SA
4 3/4'' 120mm
for positioning 5 mm monolithic chip capacitors at 60°.
Grooved tips
4 3/4'' 120mm
3mm long tips bent at 60° angle one forked blade lead entry
4 3/4'' 120mm
same as SM113 but with straight tips for vertical holding
4 3/4'' 120mm
grooved tips at 30° angle for holding and positioning
cylindrical devices ( up to 1 mm diam.)
4 3/4'' 120mm
grooved straight tips. for vertical positioning
of cylindrical devices (up to 1 mm diam. or more)
4 3/4'' 120mm
for positioning SOT packages at 30° angle
SMD precision tweezers set
SM103, SM107, SM108, SM111, SM115
top quality hard/foam wallet
SM108.SA
4 3/4'' 120mm
for positioning and soldering 1mm wide components.
tips are grooved inside
4 /4'' 120mm
same as SM 108 but with 45° tips without anti-crush feature
SM109.SA
3•GenPurpose_SMD
15.9.2005
13:26
Page 19


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn