Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62082DSGR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62082DSGR
Description  1.2A High Efficient Step Down Converter with Snooze Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62082DSGR Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62082DSGR Datasheet HTML 1Page - Texas Instruments TPS62082DSGR Datasheet HTML 2Page - Texas Instruments TPS62082DSGR Datasheet HTML 3Page - Texas Instruments TPS62082DSGR Datasheet HTML 4Page - Texas Instruments TPS62082DSGR Datasheet HTML 5Page - Texas Instruments TPS62082DSGR Datasheet HTML 6Page - Texas Instruments TPS62082DSGR Datasheet HTML 7Page - Texas Instruments TPS62082DSGR Datasheet HTML 8Page - Texas Instruments TPS62082DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS62080, TPS62080A
TPS62081, TPS62082
www.ti.com
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
Over recommended free-air temperature range, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted),
VIN=3.6V, MODE = LOW.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.3
6.0
V
Quiescent current into VIN
IOUT = 0mA, Device not switching
30
uA
IQ
Quiescent current into VIN (SNOOZE
IOUT = 0mA, Device not switching, MODE=HIGH
6.5
uA
MODE)
ISD
Shutdown current into VIN
EN = LOW
1
µA
Under voltage lock out
Input voltage falling
1.8
2.0
V
VUVLO
Under voltage lock out hysteresis
Rising above VUVLO
120
mV
TJSD
Thermal shut down
Temperature rising
150
°C
Thermal shutdown hysteresis
Temperature falling below TJSD
20
°C
LOGIC INTERFACE (ENABLE, MODE)
VIH
High level input voltage
2.3V
≤ VIN ≤ 6.0V
1
V
VIL
Low level input voltage
2.3V
≤ VIN ≤ 6.0V
0.4
V
ILKG
Input leakage current
0.01
0.5
µA
POWER GOOD
VPG
Power good threshold
VOUT falling referenced to VOUT nominal
–15
–10
–5
%
Power good hysteresis
5
%
VIL
Low level voltage
Isink = 500 µA
0.3
V
IPG,LKG
PG Leakage current
VPG = 5.0 V
0.01
0.1
µA
OUTPUT
Output voltage range
0.5
4.0
V
TPS62080, TPS62080A
Output voltage accuracy
IOUT = 0 mA; VIN ≥ 2.3V
–2.5
2.5
%
TPS62081
VOUT
Output voltage accuracy
IOUT = 0 mA; VIN ≥ 3.6V
–2.5
2.5
%
TPS62082
Snooze Mode output voltage accuracy
MODE = HIGH; VIN ≥ 2.3V and VIN ≥ VOUT + 1V
–5
5
%
Feedback regulation voltage
VFB
VIN ≥ 2.3V and VIN ≥ VOUT + 1V
0.438
0.45
0.462
V
TPS62080, TPS62080A
Feedback input bias current
IFB
VFB = 0.45 V
10
100
nA
TPS62080, TPS62080A
EN = LOW, VOUT = 1.8 V
1
k
RDIS
Output discharge resistor
TPS62080A , EN = LOW, VOUT = 1.2 V,
25
40
65
Ω
Line Regulation
0
%/V
Load Regulation
TPS62081, TPS62082
-0.25
%/A
High side FET on-resistance
ISW = 500 mA
120
m
RDS(on)
Low side FET on-resistance
ISW = 500 mA
90
m
ILIM
High side FET switch current limit
Rising inductor current
1.6
2.8
4
A
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082


Numéro de pièce similaire - TPS62082DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62082DSGR TI-TPS62082DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62082DSGR TI1-TPS62082DSGR Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
More results

Description similaire - TPS62082DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Texas Instruments
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com