Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL1454ID Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TL1454ID
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454ID Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TL1454ID Datasheet HTML 5Page - Texas Instruments TL1454ID Datasheet HTML 6Page - Texas Instruments TL1454ID Datasheet HTML 7Page - Texas Instruments TL1454ID Datasheet HTML 8Page - Texas Instruments TL1454ID Datasheet HTML 9Page - Texas Instruments TL1454ID Datasheet HTML 10Page - Texas Instruments TL1454ID Datasheet HTML 11Page - Texas Instruments TL1454ID Datasheet HTML 12Page - Texas Instruments TL1454ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TL1454, TL1454Y
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS086B – APRIL 1995 – REVISED NOVEMBER 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 500 kHz (unless otherwise noted) (continued)
oscillator
PARAMETER
TEST CONDITIONS
TL1454
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Frequency
CT = 120 pF,
RT = 10 kΩ
500
kHz
Standard deviation of frequency
50
kHz
Frequency change with voltage
VCC = 3.6 V to 20 V,
TA = 25°C
5
kHz
Frequency change with temperature
TA = TA(min) to 25°C
–2
±20
kHz
Frequency change with temperature
TA = 25°C to 85°C
–10
±20
kHz
Maximum ramp voltage
1.8
V
Minimum ramp voltage
1.1
V
dead-time control (DTC)
PARAMETER
TEST CONDITIONS
TL1454
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
Duty cycle = 0%
1
1.1
1.2
V
VIT
Input threshold voltage
Duty cycle = 100%
0.4
0.5
0.6
V
VI(latched) Latched-mode input voltage
1.2
V
IIB
Common-mode input bias current
DTC1, IN1+
≈ 1.2 V
4
µA
Latched-mode (source) current
TA = 25°C
– 100
µA
error-amplifier
PARAMETER
TEST CONDITIONS
TL1454
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
6
mV
IIO
Input offset current
VO = 1.25 V,
VIC = 1.25 V
100
nA
IIB
Input bias current
– 160
– 500
nA
VICR
Input voltage range
VCC = 3.6 V to 20 V
– 0.2 to 1.40
V
AV
Open-loop voltage gain
RFB = 200 kΩ
70
80
dB
Unity-gain bandwidth
3
MHz
CMRR
Common-mode rejection ratio
60
80
dB
VOM(max) Positive output voltage swing
2.3
2.43
V
VOM(min)
Negative output voltage swing
0.63
0.8
V
IO+
Output sink current
VID = – 0.1 V,
VO = 1.20 V
0.1
0.5
mA
IO–
Output source current
VID = 0.1 V,
VO = 1.80 V
–45
–70
µA
output
PARAMETER
TEST CONDITIONS
TL1454
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IO = – 8 mA
VCC–2
4.5
V
VOH
High-level output voltage
IO = – 40 mA
VCC–2
4.4
V
VOL
Low level output voltage
IO = 8 mA
0.1
0.4
V
VOL
Low-level output voltage
IO = 40 mA
1.8
2.5
V
trv
Output voltage rise time
CL = 2000 pF
TA =25°C
220
ns
tfv
Output voltage fall time
CL = 2000 pF,
TA = 25°C
220
ns


Numéro de pièce similaire - TL1454ID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL1454ID TI-TL1454ID Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Description similaire - TL1454ID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25