Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH8T245DWRG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce 74LVCH8T245DWRG4
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74LVCH8T245DWRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button 74LVCH8T245DWRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 9Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 10Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74LVCH8T245
8-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES637A – AUGUST 2005 – REVISED FEBRUARY 2007
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.5
21.2
1.1
8.8
0.8
6.2
0.5
4.4
ns
tPHL
tPLH
B
A
0.8
7.2
0.8
6.2
0.7
6.1
0.6
6
ns
tPHL
tPHZ
OE
A
1.6
8.2
1.6
8.2
1.6
8.2
1.6
8.2
ns
tPLZ
tPHZ
OE
B
2.1
29
1.7
10.3
1.5
8.6
0.8
6.3
ns
tPLZ
tPZH
OE
A
0.8
8.1
0.8
8.1
0.8
8.1
0.8
8.1
ns
tPZL
tPZH
OE
B
1.8
27.7
1.4
12.4
1.1
8.5
0.9
6.4
ns
tPZL
over recommended operating free-air temperature range, V
CCA = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
tPLH
A
B
1.5
21.4
1
8.8
0.7
6
0.4
4.2
ns
tPHL
tPLH
B
A
0.7
7
0.4
4.8
0.3
4.5
0.3
4.3
ns
tPHL
tPHZ
OE
A
0.3
5.4
0.3
5.4
0.3
5.4
0.3
5.4
ns
tPLZ
tPHZ
OE
B
2
28.7
1.6
9.7
1.4
8
0.7
5.7
ns
tPLZ
tPZH
OE
A
0.7
6.4
0.7
6.4
0.7
6.4
0.7
6.4
ns
tPZL
tPZH
OE
B
1.5
27.6
1.3
11.4
1
8.1
0.9
6
ns
tPZL
T
A = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
A-port input, B-port output
2
2
2
3
CpdA(1)
CL = 0,
B-port input, A-port output
12
13
13
16
f = 10 MHz,
pF
A-port input, B-port output
13
13
14
16
tr = tf = 1 ns
CpdB(1)
B-port input, A-port output
2
2
2
3
(1)
Power dissipation capacitance per transceiver
7
Submit Documentation Feedback


Numéro de pièce similaire - 74LVCH8T245DWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DWRG4 TI1-74LVCH8T245DWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-BIT Dual-Supply Bus Transceiver
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74LVCH8T245DWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com