Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP-09AY Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce OP-09AY
Description  MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

OP-09AY Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  OP-09AY Datasheet HTML 1Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 2Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 3Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 4Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 5Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 6Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 7Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 8Page - List of Unclassifed Manufacturers OP-09AY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93083
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
A
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing documents two product assurance class levels consisting of high reliability (device classes Q and
M) and space application (device class V). A choice of case outlines and lead finishes are available and are reflected in the Part
or Identifying Number (PIN). When available, a choice of Radiation Hardness Assurance (RHA) levels is reflected in the PIN.
1.2 PIN. The PIN is as shown in the following example:
5962
-
93083
01
M
C
A
Federal
stock class
designator
RHA
designator
(see 1.2.1)
Device
type
(see 1.2.2)
Device
class
designator
Case
outline
(see 1.2.4)
Lead
finish
(see 1.2.5)
\
/
(see 1.2.3)
\/
Drawing number
1.2.1 RHA designator. Device classes Q and V RHA marked devices meet the MIL-PRF-38535 specified RHA levels and are
marked with the appropriate RHA designator. Device class M RHA marked devices meet the MIL-PRF-38535, appendix A
specified RHA levels and are marked with the appropriate RHA designator. A dash (-) indicates a non-RHA device.
1.2.2 Device type(s). The device type(s) identify the circuit function as follows:
Device type
Generic number
Circuit function
01
OP-09
Quad operational amplifier
1.2.3 Device class designator. The device class designator is a single letter identifying the product assurance level as
follows:
Device class
Device requirements documentation
M
Vendor self-certification to the requirements for MIL-STD-883 compliant, non-
JAN class level B microcircuits in accordance with MIL-PRF-38535, appendix A
Q or V
Certification and qualification to MIL-PRF-38535
1.2.4 Case outline(s). The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
C
GDIP1-T14 or CDIP2-T14
14
Dual in line
1.2.5 Lead finish. The lead finish is as specified in MIL-PRF-38535 for device classes Q and V or MIL-PRF-38535,
appendix A for device class M.


Numéro de pièce similaire - OP-09AY

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP-09AY AD-OP-09AY Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
More results

Description similaire - OP-09AY

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com