Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

543502-1 Fiches technique(PDF) 31 Page - Tyco Electronics

No de pièce 543502-1
Description  AMPLIMITE Subminiature D Connectors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

543502-1 Fiches technique(HTML) 31 Page - Tyco Electronics

Back Button 543502-1 Datasheet HTML 24Page - Tyco Electronics 543502-1 Datasheet HTML 25Page - Tyco Electronics 543502-1 Datasheet HTML 26Page - Tyco Electronics 543502-1 Datasheet HTML 27Page - Tyco Electronics 543502-1 Datasheet HTML 28Page - Tyco Electronics 543502-1 Datasheet HTML 29Page - Tyco Electronics 543502-1 Datasheet HTML 30Page - Tyco Electronics 543502-1 Datasheet HTML 31Page - Tyco Electronics 543502-1 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
36
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Shielded AMPLIMITE .050 Series Contact Arrangements, Performance
Specifications, Technical Documents—Slimline Connectors
Contact Arrangements
Performance Specifications
Technical Documents
Position 1
A
B
C
Note: Mating face of receptacle is shown, plug is mirror image.
No. of
Position No.
Pos.
AB
C
26
13
14
26
Mating Cycles (Durability): 500 max.
Current Rating (30°C T-Rise): 1A max., 50% loading
Termination Resistance (Mated): 25 milliohms max.
Insulation Resistance: 1000 megohms min.
Dielectric Withstanding Voltage: 500 VAC
Header Processing Temperature: +220°C max. for 3 minutes
Temperature Range: –55°C to +105°C
Product Specifications describe technical performance
characteristics and verification tests. They are intended for
the Design, Component and Quality Engineer.
108-1366
Shielded AMPLIMITE .050 Series,
Slimline Connectors
Application Specifications describe requirements for using
the product in its intended application and/or termination infor-
mation. They are intended for the Packaging and
Design Engineer and the Setup person.
114-40036
Shielded AMPLIMITE .050 Series,
Slimline Connectors
Instruction Sheets provide instructions for assembling or
applying product. They are intended for Manufacturing
Assembler or Operator.
408-9663
Mass Insertion Tooling–Part No. 91291-I
I
408-6923
AMP Manual Arbor Frame–Part No. 58024-1
408-9701
Wire Termination Tooling Kit for CHAMPOMATOR 2.5
Machine–Part No. 1-762661-4
408-7777
AMP Manual Arbor Frame w/Slide–Part No. 91085-2
408-9746
Crimper Assembly–Part No. 856684-1
408-9200
Single Wire Insertion Tool–Part No. 58430-1
408-9721
Die Holder Assembly for Pneumatic Crimper–
Part No. 58449-I
I
408-9788
Die Assembly–Part No. 90437-1
408-9898
Backshell and Cover Tooling Assemblies–
Part No. 543521-1 and 543522-1
Customer Manuals provide information on TE termination
equipment. They are intended for Manufacturing Assemblers or
Operators.
409-5786
CHAMPOMATOR 2.5 Machine
409-5791
CHAMPOMATOR 2.5 Control Module–
Part No. 852423-I
I
409-5822
Pneumatic Crimper–Part No. 312522-3
409-5843
Pneumatic Power Unit


Numéro de pièce similaire - 543502-1

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
543502-1 MACOM-543502-1 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
logo
TE Connectivity Ltd
543502-1 TEC-543502-1 Datasheet
452Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
543502-1 MACOM-543502-1 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
More results

Description similaire - 543502-1

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com