Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


4NT91-70 Datasheet(Fiches technique) 3 Page - Honeywell Solid State Electronics Center

Numéro de pièce 4NT91-70
Description  Intersctive Catalog Supplements Catalog PDFs
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo 

   
 3 page
background image
Manual Switches
NT Series
Sealed Toggle Switches
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
109
NT 2-POSITION ORDER GUIDE
Circuits Made With Toggle At:
Standard Lever
Termination Style
No.
of
Poles
Keyway
Position
Opposite
Keyway
UL
Rating
Code
Elect.
Rating
Code
Screw
Solder
Q-C
Pull-To-Unlock
Lever (Add suffix
to Standard Lever
Listing)
OFF
2-3
L191
1
1NT1-2
11NT1-2
1NT91-2
D, F, G
1
1-2
2-3
L191
1
1NT1-3
11NT1-3
1NT91-3
D, F, G
OFF*
2-3
L192
2
1NT1-4
11NT1-4
1NT91-4
F
1-2*
OFF
L192
2
1NT1-6
11NT1-6
1NT91-6
F
1-2*
2-3
L192
2
1NT1-8
11NT1-8
1NT91-8
F
OFF
2-3, 5-6
L191
3
2NT1-2
12NT1-2
2NT91-2
D, F, G
2
1-2, 4-5
2-3, 5-6
L191
3
2NT1-3
12NT1-3
2NT91-3
F
OFF*
2-3, 5-6
L192
4
2NT1-4
12NT1-4
2NT91-4
F
1-2, 4-5*
OFF
L192
4
2NT1-6
12NT1-6
2NT91-6
D, F, G
1-2, 4-5*
2-3, 5-6
L192
4
2NT1-8
12NT1-8
2NT91-8
F
OFF
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-2
14NT1-2
4NT91-2
D, F, G
4
1-2, 4-5, 7-8, 10-11
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-3
14NT1-3
4NT91-3
F
OFF*
2-3, 5-6, 8-9, 11-12
L192
6
4NT1-4
14NT1-4
4NT91-4
F
1-2, 4-5, 7-8, 10-11*
OFF
L192
6
4NT1-6
14NT1-6
4NT91-6
D, F, G
1-2, 4-5, 7-8, 10-11*
2-3, 5-6, 8-9, 11-12
L192
6
4NT1-8
14NT1-8
4NT91-8
F
NT 3-POSITION ORDER GUIDE
Circuits Made With Toggle At:
No.
of
Poles
Keyway
Position
Center
Position
Opposite
Keyway
UL
Rating
Code
Elect.
Rating
Code
Standard Lever
Termination Style
Screw
Solder
Q-C
Pull-To-Unlock
Lever (Add suffix
to Standard
Lever Listing)
1-2
OFF
2-3
L191
1
1NT1-1
11NT1-1
1NT91-1
ALL TYPES
1
1-2*
OFF
2-3
L192
2
1NT1-5
11NT1-5
1NT91-5
E, F, K, L, M, N
1-2*
OFF
2-3*
L192
2
1NT1-7
11NT1-7
1NT91-7
E, L, N
NONE**
OFF
2-3
L191
1
1NT1-21
11NT1-21 1NT91-21
E, F, K, M
NONE**
1-2
2-3
L191
1
1NT1-31
11NT1-31 1NT91-31
E, F, K, M
NONE**
1-2
2-3*
L192
2
1NT1-51
11NT1-51 1NT91-51
E
1-2*
OFF
NONE**
L192
2
1NT1-61
11NT1-61 1NT91-61
E
1-2, 4-5
OFF
2-3, 5-6
L191
3
2NT1-1
12NT1-1
2NT91-1
ALL TYPES
2
1-2, 4-5*
OFF
2-3, 5-6
L192
4
2NT1-5
12NT1-5
2NT91-5
E, F, K, L, M, N
1-2, 4-5*
OFF
2-3, 5-6*
L192
4
2NT1-7
12NT1-7
2NT91-7
E, L, N
NONE*
OFF
2-3, 5-6
L191
3
2NT1-21
12NT1-21 2NT91-21
E, F, K, M
NONE**
1-2, 4-5
2-3, 5-6
L191
3
2NT1-31
12NT1-31 2NT91-31
E, F, K, M
NONE**
1-2, 4-5
2-3, 5-6*
L192
4
2NT1-51
12NT1-51 2NT91-51
E
1-2, 4-5*
OFF
NONE**
L192
4
2NT1-61
12NT1-61 2NT91-61
E
1-2, 4-5
2-3, 4-5
2-3, 5-6
L191
3
2NT1-12
12NT1-12 2NT91-12
ALL TYPES
1-2, 4-5
1-2, 5-6
2-3, 5-6
L191
3
2NT1-10
12NT1-10 2NT91-10
ALL TYPES
1-2, 4-5*
1-2, 5-6
2-3, 5-6
L192
4
2NT1-50
12NT1-50 2NT91-50
L, F, K, L, M, N
1-2, 4-5*
1-2, 5-6
2-3, 5-6*
L192
4
2NT1-70
12NT1-70 2NT91-70
E, L, N
1-2, 4-5, 7-8,
10-11
OFF
2-3, 5-6, 8-9,
11-12
L191
5
4NT1-1
14NT1-1
4NT91-1
ALL TYPES
4
1-2, 4-5, 7-8,
10-11*
OFF
2-3, 5-6, 8-9,
11-12
L192
6
4NT1-5
14NT1-5
4NT91-5
E, F, K, L, M, N
1-2, 4-5, 7-8,
10-11*
OFF
2-3, 5-6, 8-9,
11-12*
L192
6
4NT1-7
14NT1-7
4NT91-7
E, L, N
NONE*
OFF
2-3, 5-6, 8-9,
11-12
L191
5
4NT1-21
14NT1-21 4NT91-21
E, F, K, M
NONE**
1-2, 4-5, 7-8,
10-11
2-3, 5-6, 8-9,
11-12
L191
5
4NT1-31
14NT1-31 4NT91-31
E, F, K, M
NONE**
1-2, 4-5, 7-8,
10-11
2-3, 5-6, 8-9,
11-12*
L192
6
4NT1-51
14NT1-51 4NT91-51
E
1-2, 4-5, 7-8,
10-11*
OFF
NONE**
L192
6
4NT1-61
14NT1-61 4NT91-61
E
1-2, 4-5, 7-8,
10-11
2-3, 4-5, 7-8,
11-12
2-3, 5-6, 8-9,
11-12
L191
5
4NT1-12
14NT1-12 4NT91-12
ALL TYPES
1-2, 4-5
7-8, 10-11
2-3, 4-5
2-3, 5-6
8-9, 11-12
L191
5
4NT1-10
14NT1-10 4NT91-10
ALL TYPES
1-2, 4-5, 7-8,
10-11*
2-3, 4-5, 7-8,
11-12
2-3, 5-6, 8-9,
11-12
L192
6
4NT1-50
14NT1-50 4NT91-50
E, F, K, L, M, N
1-2, 4-5, 7-8,
10-11*
2-3, 4-5
2-3, 5-6, 8-9,
11-12*
L192
6
4NT1-70
14NT1-70 4NT91-70
E, L, N
* These positions are momentary. All others are maintained.
** Toggle lever is blocked from these products. Toggle becomes 2-position, with center being one extreme position.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl