Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0-1102855-6 Fiches technique(PDF) 47 Page - List of Unclassifed Manufacturers

No de pièce 0-1102855-6
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-6 Fiches technique(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-6 Datasheet HTML 43Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 44Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 45Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 46Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 47Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 48Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 49Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 50Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
45
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Bezeichnung
Description
1-1103400-1
1-1103402-1
1-1103401-1
1-1103403-1
HA.3.Sti.S
HA.3.Bu.S
HA.4.Sti.S
HA.4.Bu.S
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HA.3/HA.4 Kontakteinsätze/Contact inserts
Baugröße/Size 1
Schraubanschluss
Screw terminal
Kontaktzahlen
No. of contacts
250 V/10 A
3/4 +
Kontaktanordnung Anschlußseite Stift
Contact arrangement Male insert
Maßbild mm/Dimensions mm
Kontaktanordnung Anschlußseite Buchse
Contact arrangement Female insert
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Schraubanschluss/Screw terminal
Schraubanschluss/Screw terminal
HA.3 Kontakteinsätze/Contact inserts
HA.4 Kontakteinsätze/Contact inserts
20,6
20,6
2
3
1
Bu
Sti
20,6
1
2
3
20,6
20,6
20,6
1
2
3
4
Sti
Bu
20,6
1
2
3
20,6
4
20,6
20,6
2
3
1
Bu
Sti
20,6
20,6
1
2
3
4
Sti
Bu
Kontaktanordnung Anschlußseite Stift
Contact arrangement Male insert
Maßbild mm/Dimensions mm
Kontaktanordnung Anschlußseite Buchse
Contact arrangement Female insert
HA.3
HA.4


Numéro de pièce similaire - 0-1102855-6

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Description similaire - 0-1102855-6

FabricantNo de pièceFiches techniqueDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com