Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0-1102855-2 Fiches technique(PDF) 22 Page - List of Unclassifed Manufacturers

No de pièce 0-1102855-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-2 Fiches technique(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
20
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
second
code digit
Protection degrees against the intrusion of water, designated by the second code digit
short description
definition
not protected
protected against dripping water
protected against dripping water when the housing is
at an angle of up to 15°
protected against water spray
protected against splash water
protected against splash water with increased
pressure
protected against jets of water
protected against strong jets of water
protected against strong jets of water with increased
pressure
protection against the effects of temporary submersi-
on in water
protection against the effects of continuous submersi-
on in water
Protected against water during high-pressure / jet-
stream cleaning.
Vertically falling drops shall have not harmful effects.
Vertically falling drops shall have not harmful effects
when the enclosure is tiled upto 15°
Water sprayed at an angle up to 60°, shall have no harm-
ful effects
Water splashed against the enclosure from any direction
shall have no harmful effects
Water splashed against the enclosure with increased
pressure from any direction shall have no harmful effects
(Applies acc to DIN 40050 - 9 only for road vehicles)
water splashes against the enclosure from any direction
as a water jet shall have no harmful effects
water splashes against the enclosure from any direction
as a strong water jet shall have no harmful effects
water splashes directly against the enclosure from any
direction as a strong water jet with increased pressure,
shall have no harmful effects (Applies acc to DIN 40050 -
9 only for road vehicles)
Quantity of water that ingresses an enclosure, when it is
temporarily immersed under standardized conditions of
pressure and time, shall have no harmful effects.
Quantity of water that ingresses an enclosure, when it is
continuously immersed under conditions of pressure and
time, shall have no harmful effects. The conditions must,
however be harder than for code digit 7 and agreed bet-
ween user and producer.
Water that is directed against the housing with greatly
increased pressure from any direction must not have any
detrimental effect (Applies acc to DIN 40050 - 9 only for
road vehicles)
0
1
2
3
4
4K
5
6
6K
7
8
9K
Meaning of the 2nd characteristic numeral
The second numeral describes the protection of the housing against the intrusion of water with harmful effects.


Numéro de pièce similaire - 0-1102855-2

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Description similaire - 0-1102855-2

FabricantNo de pièceFiches techniqueDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com