Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0-1102855-2 Fiches technique(PDF) 98 Page - List of Unclassifed Manufacturers

No de pièce 0-1102855-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-2 Fiches technique(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-2 Datasheet HTML 94Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 95Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 96Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 97Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 98Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 99Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 100Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 101Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
96
HB-Z.10, HB-K/Z.10, HD-Z.24, HD-K/Z.24 Gehäuse/Housings
Baugröße/Size 4
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Zentralbügel am Steckergehäuse/Central locking clip on hood
IP 65
HB-Z.10.STS-ZB.1.16.G
HB-Z.10.STS-ZB.1.M25.G
HB-K/Z.1O.STS-ZB.1.16.G
HB-K/Z.1O.STS-ZB.1.M25.G
HB-KF.10.STS-ZB.1.16.G
HB-KF.10.STS-ZB.1.M25.G
HB-KF/K.1O.STS-ZB.1.16.G
HB-KF/K.10.STS-ZB.1.M25.G
HD-Z.24.STS-ZB.1.21.G
HD-Z.24.STS-ZB.1.29.G
HD-Z.24.STS-ZB.1.M32.G
HD-K/Z.24.STS-ZB.1.21.G
HD-K/Z.24.STS-ZB.1.29.G
HB-Z.1O.AG-ZVGR
HB-K/Z.1O.AG-ZVGR
1-1102261-3
1-1106430-6
2-1102261-3
1-1106430-4
1-1102211-3
0-1106431-4
2-1102211-3
0-1106431-8
1-1102496-3
1-1102499-3
1-1106434-3
2-1102496-3
2-1102499-3
1-1102271-8
2-1102271-8
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
16
16
16
21
29
21
29
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M25
M25
M25
M32
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
Steckergehäuse: Kabeleingang seitlich, Standard Bauform
Hood: Side entry, Standard construction
73
43
63
33
M/PG
Steckergehäuse: Kabeleingang seitlich, Keilform
Hood: Side entry, Standard construction
43
73
32,5
M/PG
Steckergehäuse: Kabeleingang seitlich,Hohe Bauform
Hood: Side entry, High construction
83
93
58,5
ø4,5
43,5
32
65
M4
83
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
1-1102261-3
43
55
73
32.5
43
43
43
M/PG
Montageausschnitt/Panel cut-out


Numéro de pièce similaire - 0-1102855-2

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Description similaire - 0-1102855-2

FabricantNo de pièceFiches techniqueDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com