Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


4NT91-7 Datasheet(Fiches technique) 4 Page - Honeywell Solid State Electronics Center

Numéro de pièce 4NT91-7
Description  Interactive Catalog Supplements Catalog PDFs
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo 

   
 4 page
background image
Manual Switches
NT Series
Sealed Toggle Switches
110
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
PULL-TO-UNLOCK OPTION
When ordering pull-to-unlock toggle list-
ings, add the suffix letter shown in the
chart below to the standard toggle listing
and the MS number. For example, to or-
der a INTI-1 pull-to-unlock toggle switch
with the lever locked in the center posi-
tion, add the letter E; i.e., INTI-1E.
LOCKING CONFIGURATIONS
AB
DE
F
G
H
Locked In
Locked Out Of
Center and
Locked Out
Locked In
Locked In
Center And
Locked In
Extreme Position
Of Center
Locked In
Extreme Position
Extreme Position
Extreme Position
Three Positions
(Keyway Side)
Position
Center Position
(Opposite Keyway)
(Keyway Side)
(Keyway Side)
JK
L
M
N
P
Locked Out Of
Locked In
Locked Out Of
Locked Out Of
Center And
Center And
Locked Out Of
And Into
Locked Out Of
And Into
Extreme Position
Extreme Position
Extreme Position
Extreme Position
Extreme Position
Extreme Position
(Opposite Keyway)
(Opposite Keyway)
(Keyway Side)
(Opposite Keyway)
(Opposite Keyway)
(Keyway Side)
MOUNTING DIMENSIONS:
(For reference only)
DIM ‘‘A’’
1-pole
29,5/1.16
2 & 4-pole
34,4/1.35
NOTES:
1. Pull-to-unlock levers have 10,7/42 dia. knob
2. Locking ring, lockwasher, 2 hexnuts and terminal screws are
furnished unassembled.
Solder Terminals
Quick Connect Terminals
0,0 = mm
Key:
0.00 = inches
Panel cutout
With locking ring
Without locking ring
Note:
0 1,4/.06 MIN DEEP TO ACCOMMODATE LOCKING
RING. 15PA87 PANEL SEAL REQUIRES BLIND HOLE
TO INSURE SEAL INTEGRITY
Terminal Circuit Identification
Bushing mounting
torque is 10–15
in./lbs.
Terminal screw
mounting torque is 5
in./lbs. max.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl