Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2540-0000-000N00W40E3 Fiches technique(PDF) 7 Page - Cree, Inc

No de pièce CXA2540-0000-000N00W40E3
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00W40E3 Fiches technique(HTML) 7 Page - Cree, Inc

Back Button CXA2540-0000-000N00W40E3 Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 9Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 10Page - Cree, Inc CXA2540-0000-000N00W40E3 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa2540 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min luminous flux
@ 1100 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
4000 K
70
75
v2
4230
4730
5A0, 5B0, 5C0, 5D0
CXA2540-0000-000N00v20e5
v4
4545
5083
CXA2540-0000-000N00v40e5
W2
4860
5435
CXA2540-0000-000N00W20e5
80
---
U4
3955
4423
5A0, 5B0, 5C0, 5D0
CXA2540-0000-000N0HU40e5
v2
4230
4730
CXA2540-0000-000N0Hv20e5
v4
4545
5083
CXA2540-0000-000N0Hv40e5
90
95
T2
3200
3552
5A0, 5B0, 5C0, 5D0
CXA2540-0000-000N0UT20e5
T4
3440
3818
CXA2540-0000-000N0UT40e5
U2
3680
4115
CXA2540-0000-000N0UU20e5
3500 K
80
---
U4
3955
4423
6A0, 6B0, 6C0, 6D0
CXA2540-0000-000N00U40e6
v2
4230
4730
CXA2540-0000-000N00v20e6
v4
4545
5083
CXA2540-0000-000N00v40e6
93
95
T2
3200
3552
6A0, 6B0, 6C0, 6D0
CXA2540-0000-000N0YT20e6
T4
3440
3818
CXA2540-0000-000N0YT40e6
U2
3680
4115
CXA2540-0000-000N0YU20e6
3000 K
80
---
U4
3955
4423
7A0, 7B0, 7C0, 7D0
CXA2540-0000-000N00U40e7
v2
4230
4730
CXA2540-0000-000N00v20e7
v4
4545
5083
CXA2540-0000-000N00v40e7
90
---
T2
3200
3552
7A0, 7B0, 7C0, 7D0
CXA2540-0000-000N0UT23e7
T4
3440
3818
CXA2540-0000-000N0UT43e7
U2
3680
4115
CXA2540-0000-000N0UU23e7
93
95
S4
2990
3319
7A0, 7B0, 7C0, 7D0
CXA2540-0000-000N0YS40e7
T2
3200
3552
CXA2540-0000-000N0YT20e7
T4
3440
3818
CXA2540-0000-000N0YT20e7
fluX characteristics, ansi White order codes and bins (i
f = 1100 ma, tJ = 85 °c) -
continued


Numéro de pièce similaire - CXA2540-0000-000N00W40E3

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2540-0000-000N00W240F CREE-CXA2540-0000-000N00W240F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00W240H CREE-CXA2540-0000-000N00W240H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Description similaire - CXA2540-0000-000N00W40E3

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com