Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3050-0000-000N0YV227F Fiches technique(PDF) 11 Page - Cree, Inc

No de pièce CXA3050-0000-000N0YV227F
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3050-0000-000N0YV227F Fiches technique(HTML) 11 Page - Cree, Inc

Back Button CXA3050-0000-000N0YV227F Datasheet HTML 7Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 8Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 9Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 10Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 11Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 12Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 13Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 14Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
11
XLamp CXa3050 LED
ansi White bins
code
cct
bin
code
x
y
0e1
6500 K
1A0
0.3048 0.3207
0.3130 0.3290
0.3144 0.3186
0.3068 0.3113
1B0
0.3028 0.3304
0.3115 0.3391
0.3130 0.3290
0.3048 0.3207
1C0
0.3115 0.3391
0.3205 0.3481
0.3213 0.3373
0.3130 0.3290
1D0
0.3130 0.3290
0.3213 0.3373
0.3221 0.3261
0.3144 0.3186
ansi White bins
code
cct
bin
code
x
y
0e2
5700 K
2A0
0.3215 0.3350
0.3290 0.3417
0.3290 0.3300
0.3222 0.3243
2B0
0.3207 0.3462
0.3290 0.3538
0.3290 0.3417
0.3215 0.3350
2C0
0.3290 0.3538
0.3376 0.3616
0.3371 0.3490
0.3290 0.3417
2D0
0.3290 0.3417
0.3371 0.3490
0.3366 0.3369
0.3290 0.3300
ansi White bins
code
cct
bin
code
x
y
0e6
3500 K
6A0
.3889
.3690
.3941
.3848
.4080
.3916
.4017
.3751
6B0
.3941
.3848
.3996
.4015
.4146
.4089
.4080
.3916
6C0
.4080
.3916
.4146
.4089
.4299
.4165
.4221
.3984
6D0
.4017
.3751
.4080
.3916
.4221
.3984
.4147
.3814
ansi White bins
code
cct
bin
code
x
y
0e5
4000 K
5A0
.3670
.3578
.3702
.3722
.3825
.3798
.3783
.3646
5B0
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
5C0
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
5D0
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
ansi White bins
code
cct
bin
code
x
y
0e3
5000 K
3A0
.3371
.3490
.3451
.3554
.3440
.3427
.3366
.3369
3B0
.3376
.3616
.3463
.3687
.3451
.3554
.3371
.3490
3C0
.3463
.3687
.3551
.3760
.3533
.3620
.3451
.3554
3D0
.3451
.3554
.3533
.3620
.3515
.3487
.3440
.3427
Performance grouPs - chromaticity (t
J = 85 °c) - continued


Numéro de pièce similaire - CXA3050-0000-000N0YV227F

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3050 SONY-CXA3050 Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results

Description similaire - CXA3050-0000-000N0YV227F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com