Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1304-0000-000C00A40E7 Fiches technique(PDF) 6 Page - Cree, Inc

No de pièce CXA1304-0000-000C00A40E7
Description  CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C00A40E7 Fiches technique(HTML) 6 Page - Cree, Inc

Back Button CXA1304-0000-000C00A40E7 Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 9Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
6
XLamp CXa1304 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins - 9 V (i
f = 400 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1304 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 21).
cct
range
cri
base order codes
min. luminous flux
@ 400 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
6500 K
70
75
B4
410
457
1A0, 1B0, 1C0, 1D0
CXA1304-0000-000C00B40e1
C2
440
490
CXA1304-0000-000C00C20e1
C4
475
527
CXA1304-0000-000C00C40e1
80
---
B2
380
423
1A0, 1B0, 1C0, 1D0
CXA1304-0000-000C0HB20e1
B4
410
457
CXA1304-0000-000C0HB40e1
C2
440
490
CXA1304-0000-000C0HC20e1
5700 K
70
75
B4
410
457
2A0, 2B0, 2C0, 2D0
CXA1304-0000-000C00B40e2
C2
440
490
CXA1304-0000-000C00C20e2
C4
475
527
CXA1304-0000-000C00C40e2
80
---
B2
380
423
2A0, 2B0, 2C0, 2D0
CXA1304-0000-000C0HB20e2
B4
410
457
CXA1304-0000-000C0HB40e2
C2
440
490
CXA1304-0000-000C0HC20e2
5000 K
70
75
B4
410
457
3A0, 3B0, 3C0, 3D0
CXA1304-0000-000C00B40e3
C2
440
490
CXA1304-0000-000C00C20e3
C4
475
527
CXA1304-0000-000C00C40e3
80
---
B2
380
423
3A0, 3B0, 3C0, 3D0
CXA1304-0000-000C0HB20e3
B4
410
457
CXA1304-0000-000C0HB40e3
C2
440
490
CXA1304-0000-000C0HC20e3
90
95
A2
330
366
3A0, 3B0, 3C0, 3D0
CXA1304-0000-000C0UA20e3
A4
355
396
CXA1304-0000-000C0UA40e3
4000 K
70
75
B2
380
423
5A0, 5B0, 5C0, 5D0
CXA1304-0000-000C00B20e5
B4
410
457
CXA1304-0000-000C00B40e5
C2
440
490
CXA1304-0000-000C00C20e5
80
---
A4
355
396
5A0, 5B0, 5C0, 5D0
CXA1304-0000-000C0HA40e5
B2
380
423
CXA1304-0000-000C0HB20e5
B4
410
457
CXA1304-0000-000C0HB40e5
90
95
94
308
342
5A0, 5B0, 5C0, 5D0
CXA1304-0000-000C0U940e5
A2
330
366
CXA1304-0000-000C0UA20e5


Numéro de pièce similaire - CXA1304-0000-000C00A40E7

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1304-0000-000C00A427F CREE-CXA1304-0000-000C00A427F Datasheet
3Mb / 30P
   XLamp LED
CXA1304-0000-000C00A427H CREE-CXA1304-0000-000C00A427H Datasheet
3Mb / 30P
   XLamp LED
More results

Description similaire - CXA1304-0000-000C00A40E7

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com