Moteur de recherche de fiches techniques de composants électroniques |
|
CXA3070-0000-000N00AB0E5 Fiches technique(PDF) 5 Page - Cree, Inc |
|
CXA3070-0000-000N00AB0E5 Fiches technique(HTML) 5 Page - Cree, Inc |
5 / 14 page Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks of Cree, Inc. 5 XLamp CXa3070 LED relative sPectral PoWer distribution (i f = 1925 ma, tJ = 85 °c) The following graph is the result of a series of pulsed measurements at 1925 mA and T J = 85 °C. electrical characteristics The following graph is the result of a series of steady-state measurements. Relative Spectral Power Distribution 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 380 430 480 530 580 630 680 730 780 Wavelength (nm) 5000K, 70 CRI 4000K, 70 CRI 3000K, 80 CRI 32 33 34 35 36 37 38 39 40 41 42 300 800 1300 1800 2300 2800 Current (mA) Tc = 25 °C Tc = 55 °C Tc = 85 °C Tc = 105 °C |
Numéro de pièce similaire - CXA3070-0000-000N00AB0E5 |
|
Description similaire - CXA3070-0000-000N00AB0E5 |