Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3070-0000-000N00Y427H Fiches technique(PDF) 3 Page - Cree, Inc

No de pièce CXA3070-0000-000N00Y427H
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3070-0000-000N00Y427H Fiches technique(HTML) 3 Page - Cree, Inc

  CXA3070-0000-000N00Y427H Datasheet HTML 1Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 2Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 3Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 4Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 5Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 6Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 7Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 8Page - Cree, Inc CXA3070-0000-000N00Y427H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
3
XLamp CXa3070 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, easyWhite order codes and bins (i
f = 1925 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA3070 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 11).
cct
range
cri
base order codes
min. luminous flux
@ 1925 ma
2-step order code
4-step order code
min typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
5000 K
70
75
Z4
7945
9296
50H
CXA3070-0000-000N00Z450H
50F
CXA3070-0000-000N00Z450F
AB
8500
9945
CXA3070-0000-000N00AB50H
CXA3070-0000-000N00AB50F
AD
9000
10,530
CXA3070-0000-000N00AD50H
CXA3070-0000-000N00AD50F
80
---
Z2
7390
8646
50H
CXA3070-0000-000N0HZ250H
50F
CXA3070-0000-000N0HZ250F
Z4
7945
9296
CXA3070-0000-000N0HZ450H
CXA3070-0000-000N0HZ450F
AB
8500
9945
CXA3070-0000-000N0HAB50H
CXA3070-0000-000N0HAB50F
4000 K
70
75
Z2
7390
8646
40H
CXA3070-0000-000N00Z240H
40F
CXA3070-0000-000N00Z240F
Z4
7945
9296
CXA3070-0000-000N00Z440H
CXA3070-0000-000N00Z440F
AB
8500
9945
CXA3070-0000-000N00AB40H
CXA3070-0000-000N00AB40F
80
---
Z2
7390
8646
40H
CXA3070-0000-000N0HZ240H
40F
CXA3070-0000-000N0HZ240F
Z4
7945
9296
CXA3070-0000-000N0HZ440H
CXA3070-0000-000N0HZ440F
3500 K
80
---
Y4
6910
8085
35H
CXA3070-0000-000N00Y435H
35F
CXA3070-0000-000N00Y435F
Z2
7390
8646
CXA3070-0000-000N00Z235H
CXA3070-0000-000N00Z235F
Z4
7945
9296
CXA3070-0000-000N00Z435H
CXA3070-0000-000N00Z435F
3000 K
80
---
Y4
6910
8085
30H
CXA3070-0000-000N00Y430H
30F
CXA3070-0000-000N00Y430F
Z2
7390
8646
CXA3070-0000-000N00Z230H
CXA3070-0000-000N00Z230F
Z4
7945
9296
CXA3070-0000-000N00Z430H
CXA3070-0000-000N00Z430F
2700 K
80
---
Y2
6430
7523
27H
CXA3070-0000-000N00Y227H
27F
CXA3070-0000-000N00Y227F
Y4
6910
8085
CXA3070-0000-000N00Y427H
CXA3070-0000-000N00Y427F
Z2
7390
8646
CXA3070-0000-000N00Z227H
CXA3070-0000-000N00Z227F


Numéro de pièce similaire - CXA3070-0000-000N00Y427H

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

Description similaire - CXA3070-0000-000N00Y427H

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com