Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1816-0000-000N00Q265F Fiches technique(PDF) 6 Page - Cree, Inc

No de pièce CXA1816-0000-000N00Q265F
Description  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N00Q265F Fiches technique(HTML) 6 Page - Cree, Inc

Back Button CXA1816-0000-000N00Q265F Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N00Q265F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
6
XLamp CXa1816 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 450 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
4000 K
70
75
N4
1710
1895
5A0, 5B0, 5C0, 5D0
CXA1816-0000-000N00N40e5
p2
1830
2028
CXA1816-0000-000N00p20e5
p4
1965
2177
CXA1816-0000-000N00p40e5
80
---
N2
1590
1762
5A0, 5B0, 5C0, 5D0
CXA1816-0000-000N0HN20e5
N4
1710
1895
CXA1816-0000-000N0HN40e5
p2
1830
2028
CXA1816-0000-000N0Hp20e5
90
95
m2
1380
1537
5A0, 5B0, 5C0, 5D0
CXA1816-0000-000N0Um20e5
m4
1485
1645
CXA1816-0000-000N0Um40e5
N2
1590
1762
CXA1816-0000-000N0UN20e5
3500 K
80
---
N4
1710
1895
6A0, 6B0, 6C0, 6D0
CXA1816-0000-000N00N40e6
p2
1830
2028
CXA1816-0000-000N00p20e6
93
95
K4
1290
1437
6A0, 6B0, 6C0, 6D0
CXA1816-0000-000N0YK40e6
m2
1380
1537
CXA1816-0000-000N0Ym20e6
m4
1485
1645
CXA1816-0000-000N0Ym40e6
3000 K
80
---
N2
1590
1762
7A0, 7B0, 7C0, 7D0
CXA1816-0000-000N00N20e7
N4
1710
1895
CXA1816-0000-000N00N40e7
93
95
K2
1200
1337
7A0, 7B0, 7C0, 7D0
CXA1816-0000-000N0YK20e7
K4
1290
1437
CXA1816-0000-000N0YK40e7
m2
1380
1537
CXA1816-0000-000N0Ym20e7
2700 K
80
---
m4
1485
1645
8A0, 8B0, 8C0, 8D0
CXA1816-0000-000N00m40e8
N2
1590
1762
CXA1816-0000-000N00N20e8
N4
1710
1895
CXA1816-0000-000N00N40e8
93
95
J4
1120
1248
8A0, 8B0, 8C0, 8D0
CXA1816-0000-000N0YJ40e8
K2
1200
1337
CXA1816-0000-000N0YK20e8
K4
1290
1437
CXA1816-0000-000N0YK40e8
fluX characteristics, ansi White order codes and bins (i
f = 450 ma, tJ = 85 °c) -
continued


Numéro de pièce similaire - CXA1816-0000-000N00Q265F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1816-0000-000N00Q265F CREE-CXA1816-0000-000N00Q265F Datasheet
2Mb / 17P
   XLamp LED
More results

Description similaire - CXA1816-0000-000N00Q265F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com