Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7842KBCZ-5 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7842KBCZ-5
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7842KBCZ-5 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7842KBCZ-5 Datasheet HTML 7Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 8Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 9Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 10Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 11Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 12Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 13Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 14Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADV7842
Rev. B | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
AVDD to GND
2.2 V
VDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
VDD_SDRAM to GND
4.0 V
CVDD to GND
2.2 V
TVDD to GND
4.0 V
AVDD to PVDD
−0.3 V to +0.3 V
AVDD to VDD
−0.3 V to +0.3 V
TVDD to CVDD
−0.3 V to +2.2 V
DVDDIO to VDD_SDRAM
−0.3 V to +3.3 V
VDD_SDRAM to AVDD
−0.3 V to +2 V
VDD_SDRAM to VDD
−0.3 V to +2 V
Digital Inputs Voltage to GND
−0.3 V to DVDDIO + 0.3 V
Digital Outputs Voltage to GND
−0.3 V to DVDDIO + 0.3 V
5 V Tolerant Digital Inputs to GND1
5.5 V
Analog Inputs to GND
−0.3 V to AVDD + 0.3 V
XTALN and XTALP to GND
−0.3 V to PVDD + 0.3 V
Maximum Junction Temperature
(TJ MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering (20 sec)
260°C
1
The following inputs are 3.3 V inputs but are 5 V tolerant: HS_IN1/TRI5,
HS_IN2/TRI7, VS_IN1/TRI6, VS_IN2/TRI8, DDCA_SCL, DDCA_SDA, DDCB_SCL
and DDCB_SDA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the ADV7842, the
user is advised to turn off unused sections of the part.
Due to PCB metal variation, and therefore variation in PCB
heat conductivity, the value of θJA may differ for various PCBs.
The most efficient measurement solution is obtained using the
package surface temperature to estimate the die temperature
because this eliminates the variance associated with the
θ
JA
value.
The maximum junction temperature (TJ MAX) of 125°C must not be
exceeded. The following equation calculates the junction tempera-
ture using the measured package surface temperature and applies
only when no heat sink is used on the device under test (DUT):
(
)
TOTAL
JT
S
J
W
Ψ
T
T
×
+
=
where:
TS is the package surface temperature (°C).
ΨJT = 0.5°C/W for the 256-ball BGA.
WTOTAL = (PVDD × IPVDD) + (0.4 × TVDD × ITVDD) +
(CVDD × ICVDD) + (AVDD × IAVDD) + (VDD × IVDD) +
(A × DVDDIO × IDVDDIO) + (VDD_SDRAM × IVDD_SDRAM)
where:
0.4 reflects the 40% of TVDD power that is dissipated on the
part itself.
A = 0.5 when the output pixel clock is >74 MHz.
A = 0.75 when the output pixel clock is ≤74 MHz.
ESD CAUTION


Numéro de pièce similaire - ADV7842KBCZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
More results

Description similaire - ADV7842KBCZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com