Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7842KBCZ-5 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADV7842KBCZ-5
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7842KBCZ-5 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADV7842KBCZ-5 Datasheet HTML 3Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 4Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 5Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 6Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 7Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 8Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 9Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 10Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADV7842
Rev. B | Page 7 of 28
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PLL Supply Current
IPVDD
28
30
mA
Analog 1080p sampling at 148 MHz
25
27
mA
RGB graphics sampling at 162 MHz
25
28
mA
RGB graphics sampling at 162 MHz in simultaneous mode
with both background ports enabled
35
36
mA
HDMI 1080p: 12-bit Deep Color
35
38
mA
HDMI 1080p: 12-bit Deep Color in simultaneous mode with
both background ports enabled
34
37
mA
CVBS processing
35
37
mA
CVBS processing in simultaneous mode with both
background ports enabled
22
24
mA
SD 576i component processing
22
24
mA
SD 576i component processing in simultaneous mode with
both background ports enabled
34
37
mA
SCART processing
35
37
mA
SCART processing in simultaneous mode with both
background ports enabled
Analog Supply Current
IAVDD
279
295
mA
Analog 1080p sampling at 148 MHz
281
297
mA
RGB graphics sampling at 162 MHz
285
301
mA
RGB graphics sampling at 162 MHz in simultaneous mode
with both background ports enabled
0.1
0.3
mA
HDMI 1080p: 12-bit Deep Color
0.1
0.3
mA
HDMI 1080p: 12-bit Deep Color in simultaneous mode with
both background ports enabled
85
89
mA
CVBS processing
86
91
mA
CVBS processing in simultaneous mode with both
background ports enabled
267
281
mA
SD 576i component processing
270
285
mA
SD 576i component processing in simultaneous mode with
both background ports enabled
283
294
mA
SCART processing
286
301
SCART processing in simultaneous mode with both
background ports enabled
Terminator Supply Current4
ITVDD
85
95
mA
One port connected
120
135
mA
Two ports connected
Comparator Supply Current
ICVDD
120
130
mA
HDMI 1080p: 12-bit Deep Color
220
250
mA
HDMI 1080p: 12-bit Deep Color in simultaneous mode with
both background ports enabled
Memory Interface Supply
Current
IVDD_SDRAM
28
35
mA
CVBS input sampling at 54 MHz
Power-Down Currents5
IDVDDIO
0.1
mA
IVDD_SDRAM
2.6
mA
IVDD
10
mA
IAVDD
0.1
mA
ICVDD
0.5
mA
ITVDD
1.1
mA
IPVDD
1.7
mA
Power-Up Time
tPWRUP
25
ms
1
All maximum current values are guaranteed by characterization to assist in power supply design.
2
Typical current consumption values are recorded with nominal voltage supply levels, SMPTE bar video pattern, and at room temperature.
3
Maximum current consumption values are recorded with maximum rated voltage supply levels, MoireX video pattern, and at maximum rated temperature.
4
Termination power supply includes TVDD current consumed off chip.
5
Power-down mode entered by setting Bit POWER_DOWN high.


Numéro de pièce similaire - ADV7842KBCZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
More results

Description similaire - ADV7842KBCZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com