Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7842 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV7842
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7842 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV7842 Datasheet HTML 4Page - Analog Devices ADV7842 Datasheet HTML 5Page - Analog Devices ADV7842 Datasheet HTML 6Page - Analog Devices ADV7842 Datasheet HTML 7Page - Analog Devices ADV7842 Datasheet HTML 8Page - Analog Devices ADV7842 Datasheet HTML 9Page - Analog Devices ADV7842 Datasheet HTML 10Page - Analog Devices ADV7842 Datasheet HTML 11Page - Analog Devices ADV7842 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADV7842
Rev. B | Page 8 of 28
ANALOG SPECIFICATIONS
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLAMP CIRCUITRY1
Input Impedance
Clamps switched off
10
Analog (AIN1 − AIN12)
ADC Midscale (CML)
0.91
V
ADC Full-Scale Level
CML + 0.55
V
ADC Zero-Scale Level
CML − 0.55
V
ADC Dynamic Range
1.1
V
Clamp Level (When Locked)
Component input, Y signal
CML − 0.12
V
Component input, Pr signal
CML
V
Component input, Pb signal
CML
V
PC RGB input (R, G, B signals)
CML − 0.12
V
CVBS input
CML − 0.205
V
SCART RGB input (R, G, B signals)
CML − 0.205
V
S-Video input (Y Signal)
CML − 0.205
V
S-Video input (C Signal)
CML
V
Large Clamp Source Current
SDP only
0.3
mA
Large Clamp Sink Current
SDP only
0.4
mA
Fine Clamp Source Current
SDP only
9
μA
Fine Clamp Sink Current
SDP only
8
μA
1
Specified for external clamp capacitor of 100 nF.
VIDEO SPECIFICATIONS
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS
Differential Phase
DP
CVBS input (modulated five-step)
0.6
Degrees
Differential Gain
DG
CVBS input (modulated five-step)
0.8
%
Luma Nonlinearity
LNL
CVBS input (modulated five-step)
0.9
%
NOISE SPECIFICATIONS
Measured at 27 MHz LLC
SNR Unweighted
Luma ramp
63
dB
SNR Unweighted
Luma flat field
64
dB
Analog Front-End Crosstalk
60
dB
LOCK TIME SPECIFICATIONS (SDP)
Horizontal Lock Range
±5
%
Vertical Lock Range
40
70
Hz
Subcarrier Lock Range
fSC
±0.8
kHz
Color Lock-In Time
60
Lines
Sync Depth Range1
20
200
%
Color Burst Range
1
200
%
Vertical Lock Time
300
ms
Horizontal Lock Time
100
Lines
CHROMA SPECIFICATIONS (SDP)
Chroma Amplitude Error
0.9
%
Chroma Phase Error
0.3
Degrees
Chroma Luma Intermodulation
0.3
%
1
Nominal synchronization depth is 300 mV at 100% of the synchronization depth range.


Numéro de pièce similaire - ADV7842

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7842 AD-ADV7842 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
More results

Description similaire - ADV7842

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com