Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7842 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7842
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7842 Fiches technique(HTML) 5 Page - Analog Devices

  ADV7842 Datasheet HTML 1Page - Analog Devices ADV7842 Datasheet HTML 2Page - Analog Devices ADV7842 Datasheet HTML 3Page - Analog Devices ADV7842 Datasheet HTML 4Page - Analog Devices ADV7842 Datasheet HTML 5Page - Analog Devices ADV7842 Datasheet HTML 6Page - Analog Devices ADV7842 Datasheet HTML 7Page - Analog Devices ADV7842 Datasheet HTML 8Page - Analog Devices ADV7842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADV7842
Rev. B | Page 5 of 28
SPECIFICATIONS
AVDD = 1.8 V ± 5%, CVDD = 1.8 V ± 5%, DVDD = 1.8 V ± 5%, PVDD = 1.8 V ± 5%, DVDDIO = 3.3 V ± 5%, TVDD = 3.3 V ± 5%,
VDD_SDRAM = 3.2 V to 3.4 V (SDR), VDD_SDRAM = 2.35 V to 2.65 V (DDR). TMIN to TMAX = −10°C to +70°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each ADC)
N
12
Bits
Integral Nonlinearity
INL
27 MHz (at a 12-bit level)
−3.0 to +8.0
LSB
54 MHz (at a 12-bit level)
−3.0 to +8.0
LSB
74.25 MHz (at a 12-bit level)
−4.0 to +7.0
LSB
108 MHz (at a 11-bit level)
−3.5 to +8.0
LSB
170 MHz (at a 9-bit level)
−0.7 to +1.5
LSB
Differential Nonlinearity
DNL
27 MHz (at a 12-bit level)
−0.7 to +0.8
LSB
54 MHz (at a 12-bit level)
−0.7 to +0.8
LSB
75 MHz (at a 12-bit level)
−0.7 to +0.8
LSB
108 MHz (at a 11-bit level)
−0.7 to +0.8
LSB
170 MHz (at a 9-bit level)
−0.6 to +0.5
LSB
DIGITAL INPUTS
Input High Voltage
VIH
XTALN and XTALP pins
1.2
V
Input Low Voltage
VIL
XTALN and XTALP pins
0.4
V
VIH
Other digital inputs
2
V
VIL
Other digital inputs
0.8
V
Input Current
IIN
RESET pin
±60
µA
EP_MISO pin
±60
µA
SPDIF_IN pin
±60
µA
TEST4 pin
±60
µA
TEST6 pin
±60
µA
Other digital inputs
±10
µA
Input Capacitance
CIN
10
pF
DIGITAL INPUTS (5 V TOLERANT)1
Input High Voltage
VIH
2.6
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN
−82
+82
µA
DIGITAL OUTPUTS
Output High Voltage
VOH
2.4
V
Output Low Voltage
VOL
0.4
V
High Impedance Leakage Current
ILEAK
10
µA
Output Capacitance
COUT
20
pF
1
The following pins are 5 V tolerant: HS_IN1/TRI5, HS_IN2/TRI7, VS_IN1/TRI6, VS_IN2/TRI8, RXA_5V, RXB_5V, DDCA_SCL, DDCA_SDA, DDCB_SCL, and DDCB_SDA.


Numéro de pièce similaire - ADV7842

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7842 AD-ADV7842 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
More results

Description similaire - ADV7842

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com