Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF1K49157 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce RF1K49157
Description  6.3A, 30V, Avalanche Rated, Single N-Channel LittleFET??Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RF1K49157 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  RF1K49157 Datasheet HTML 1Page - Fairchild Semiconductor RF1K49157 Datasheet HTML 2Page - Fairchild Semiconductor RF1K49157 Datasheet HTML 3Page - Fairchild Semiconductor RF1K49157 Datasheet HTML 4Page - Fairchild Semiconductor RF1K49157 Datasheet HTML 5Page - Fairchild Semiconductor RF1K49157 Datasheet HTML 6Page - Fairchild Semiconductor RF1K49157 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-65
Absolute Maximum Ratings
TA = 25oC Unless Otherwise Specified
RF1K49157
UNITS
Drain to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
30
V
Drain to Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
30
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
Continuous (Pulse width = 1s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
6.3
Refer to Peak Current Curve
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation
TA = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
Derate Above 25oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
0.016
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-55 to 150
oC
Soldering Temperature of Leads for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
260
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
30
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA1
-
3
V
Zero Gate Voltage Drain Current
IDSS
VDS = 30V,
VGS = 0V
TA = 25
oC-
-
1
µA
TA = 150
oC-
-
50
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
100
nA
On Resistance
rDS(ON)
ID = 6.3A
VGS = 10V
-
-
0.030
VGS = 4.5V
-
-
0.060
Turn-On Time
tON
VDD = 15V, ID = 6.3A,
RL = 2.38Ω, VGS = 10V,
RGS = 25Ω
-
-
85
ns
Turn-On Delay Time
td(ON)
-22-
ns
Rise Time
tr
-43-
ns
Turn-Off Delay Time
td(OFF)
-
125
-
ns
Fall Time
tf
-85-
ns
Turn-Off Time
tOFF
-
-
265
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 24V,
ID = 6.3A,
RL = 3.81Ω
-70
88
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
38
48
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
2.8
3.5
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
-
1575
-
pF
Output Capacitance
COSS
-
700
-
pF
Reverse Transfer Capacitance
CRSS
-
200
-
pF
Thermal Resistance Junction-to-Ambient
R
θJA
Pulse width = 1s
Device mounted on FR-4 material
-
-
62.5
oC/W
Source to Drain Diode Ratings and Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
VSD
ISD = 6.3A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 6.3A, dISD/dt = 100A/µs-
-
60
ns
RF1K49157


Numéro de pièce similaire - RF1K49157

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
RF1K49157 INTERSIL-RF1K49157 Datasheet
149Kb / 8P
   6.3A, 30V, 0.030 Ohm, Single N-Channel LittleFET??Power MOSFET
More results

Description similaire - RF1K49157

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RF1K49086 FAIRCHILD-RF1K49086 Datasheet
195Kb / 7P
   3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
RF1K49088 FAIRCHILD-RF1K49088 Datasheet
153Kb / 7P
   3.5A, 30V, Avalanche Rated, Logic Level, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
logo
Intersil Corporation
RF1K49157 INTERSIL-RF1K49157 Datasheet
149Kb / 8P
   6.3A, 30V, 0.030 Ohm, Single N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49156 FAIRCHILD-RF1K49156 Datasheet
221Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
logo
Intersil Corporation
RF1K49156 INTERSIL-RF1K49156 Datasheet
142Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTH200N10T IXYS-IXTH200N10T Datasheet
175Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA130N10T IXYS-IXTA130N10T Datasheet
154Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA32N20T IXYS-IXTA32N20T Datasheet
211Kb / 6P
   TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com