Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD817 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD817
Description  High Speed, Low Power Wide Supply Range Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD817 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD817 Datasheet HTML 2Page - Analog Devices AD817 Datasheet HTML 3Page - Analog Devices AD817 Datasheet HTML 4Page - Analog Devices AD817 Datasheet HTML 5Page - Analog Devices AD817 Datasheet HTML 6Page - Analog Devices AD817 Datasheet HTML 7Page - Analog Devices AD817 Datasheet HTML 8Page - Analog Devices AD817 Datasheet HTML 9Page - Analog Devices AD817 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
–6–
AD817–Typical Characteristics
120
40
100
60
80
1k
10M
10k
100k
1M
FREQUENCY – Hz
Figure 13. Common-Mode Rejection vs. Frequency
100k
1M
100M
10M
FREQUENCY – Hz
R
L = 1kΩ
R
L = 150Ω
30
10
0
20
Figure 14. Large Signal Frequency Response
10
–10
–4
–8
–6
2
–2
0
4
6
8
160
20
0
140
120
100
80
60
40
SETTLING TIME – ns
0.1%
1%
1%
0.01%
0.1%
0.01%
Figure 15. Output Swing and Error vs. Settling Time
–40
–100
–70
–90
–80
–50
–60
10M
1k
100
1M
100k
10k
FREQUENCY – Hz
V
IN = 1V p -p
GAIN = +2
2nd HARMONIC
3rd HARMONIC
Figure 16. Harmonic Distortion vs. Frequency
50
0
30
10
20
40
10M
10
31M
100k
10k
1k
100
FREQUENCY – Hz
Figure 17. Input Voltage Noise Spectral Density
380
300
360
320
340
–60
140
–40
100
120
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 18. Slew Rate vs. Temperature


Numéro de pièce similaire - AD817

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170-EB AD-AD8170-EB Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170-EB AD-AD8170-EB Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170AN AD-AD8170AN Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

Description similaire - AD817

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR-REEL AD-AD817AR-REEL Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com