Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7874SE3 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD7874SE3
Description  LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7874SE3 Fiches technique(HTML) 1 Page - Analog Devices

  AD7874SE3 Datasheet HTML 1Page - Analog Devices AD7874SE3 Datasheet HTML 2Page - Analog Devices AD7874SE3 Datasheet HTML 3Page - Analog Devices AD7874SE3 Datasheet HTML 4Page - Analog Devices AD7874SE3 Datasheet HTML 5Page - Analog Devices AD7874SE3 Datasheet HTML 6Page - Analog Devices AD7874SE3 Datasheet HTML 7Page - Analog Devices AD7874SE3 Datasheet HTML 8Page - Analog Devices AD7874SE3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a LC2MOS4-Channel,12-BitSimultaneous
Sampling Data Acquisition System
AD7874
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
AGND
CLK
DGND
DB11
DB0
V
SS
CS
12-BIT
DAC
V
IN1
V
IN2
V
IN3
VIN4
COMP
REFERENCE
BUFFER
INT
RD
AD7874
CONVST
V
DD VDD
REF IN
REF OUT
3V
REFERENCE
DATA
REGISTERS
SAR
MUX
CONTROL LOGIC
INTERNAL
CLOCK
TRACK/
HOLD 3
TRACK/
HOLD 4
TRACK/
HOLD 2
TRACK/
HOLD 1
GENERAL DESCRIPTION
The AD7874 is a four-channel simultaneous sampling, 12-bit
data acquisition system. The part contains a high speed 12-bit
ADC, on-chip reference, on-chip clock and four track/hold am-
plifiers. This latter feature allows the four input channels to be
sampled simultaneously, thus preserving the relative phase
information of the four input channels, which is not possible if
all four channels share a single track/hold amplifier. This makes
the AD7874 ideal for applications such as phased-array sonar
and ac motor controllers where the relative phase information is
important.
The aperture delay of the four track/hold amplifiers is small and
specified with minimum and maximum limits. This allows sev-
eral AD7874s to sample multiple input channels simultaneously
without incurring phase errors between signals connected to
several devices. A reference output/reference input facility also
allows several AD7874s to be driven from the same reference
source.
In addition to the traditional dc accuracy specifications such as
linearity, full-scale and offset errors, the AD7874 is also fully
specified for dynamic performance parameters including distor-
tion and signal-to-noise ratio.
The AD7874 is fabricated in Analog Devices’ Linear Compat-
ible CMOS (LC
2MOS) process, a mixed technology process
that combines precision bipolar circuits with low-power CMOS
logic. The part is available in a 28-pin, 0.6" wide, plastic or her-
metic dual-in-line package (DIP), in a 28-terminal leadless ce-
ramic chip carrier (LCCC) and in a 28-pin SOIC.
FEATURES
Four On-Chip Track/Hold Amplifiers
Simultaneous Sampling of 4 Channels
Fast 12-Bit ADC with 8
s Conversion Time/Channel
29 kHz Sample Rate for All Four Channels
On-Chip Reference
10 V Input Range
5 V Supplies
APPLICATIONS
Sonar
Motor Controllers
Adaptive Filters
Digital Signal Processing
PRODUCT HIGHLIGHTS
1. Simultaneous Sampling of Four Input Channels.
Four input channels, each with its own track/hold amplifier,
allow simultaneous sampling of input signals. Track/hold ac-
quisition time is 2
µs, and the conversion time per channel is
8
µs, allowing 29 kHz sample rate for all four channels.
2. Tight Aperture Delay Matching.
The aperture delay for each channel is small and the aperture
delay matching between the four channels is less than 4 ns.
Additionally, the aperture delay specification has upper and
lower limits allowing multiple AD7874s to sample more than
four channels.
3. Fast Microprocessor Interface.
The high speed digital interface of the AD7874 allows direct
connection to all modern 16-bit microprocessors and digital
signal processors.


Numéro de pièce similaire - AD7874SE3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7874SE3 AD-AD7874SE3 Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874SE3 AD-AD7874SE3 Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results

Description similaire - AD7874SE3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874 Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com