Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7874AN Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7874AN
Description  LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7874AN Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7874AN Datasheet HTML 5Page - Analog Devices AD7874AN Datasheet HTML 6Page - Analog Devices AD7874AN Datasheet HTML 7Page - Analog Devices AD7874AN Datasheet HTML 8Page - Analog Devices AD7874AN Datasheet HTML 9Page - Analog Devices AD7874AN Datasheet HTML 10Page - Analog Devices AD7874AN Datasheet HTML 11Page - Analog Devices AD7874AN Datasheet HTML 12Page - Analog Devices AD7874AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7874
REV. C
–9–
Total Harmonic Distortion (THD)
Total Harmonic Distortion (THD) is the ratio of the rms sum
of harmonics to the rms value of the fundamental. For the
AD7874, THD is defined as
THD
= 20 log
V
2
2 +V
3
2 +V
4
2 +V
5
2 +V
6
2
V
1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second through the
sixth harmonic. The THD is also derived from the FFT plot of
the ADC output spectrum.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3 . . ., etc. Intermodulation terms are those for
which neither m or n are equal to zero. For example, the second
order terms include (fa + fb) and (fa – fb) while the third order
terms include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
Using the CCIF standard where two input frequencies near the
top end of the input bandwidth are used, the second and third
order terms are of different significance. The second order terms
are usually distanced in frequency from the original sine waves
while the third order terms are usually at a frequency close to
the input frequencies. As a result, the second and third order
terms are specified separately. The calculation of the intermodu-
lation distortion is as per the THD specification where it is the
ratio of the rms sum of the individual distortion products to the
rms amplitude of the fundamental expressed in dBs. In this case,
the input consists of two, equal amplitude, low distortion sine
waves. Figure 10 shows a typical IMD plot for the AD7874.
Figure 10. AD7874 IMD Plot
Peak Harmonic or Spurious Noise
Harmonic or Spurious Noise is defined as the ratio of the rms
value of the next largest component in the ADC output spec-
trum (up to fs/2 and excluding dc) to the rms value of the fun-
damental. Normally, the value of this specification will be
determined by the largest harmonic in the spectrum, but for
parts where the harmonics are buried in the noise floor the peak
will be a noise peak.
AC Linearity Plot
When a sine wave of specified frequency is applied to the VIN in-
put of the AD7874 and several million samples are taken, a his-
togram showing the frequency of occurrence of each of the 4096
ADC codes can be generated. From this histogram data it is
possible to generate an ac integral linearity plot as shown in Fig-
ure 11. This shows very good integral linearity performance
from the AD7874 at an input frequency of 10 kHz. The absence
of large spikes in the plot shows good differential linearity. Sim-
plified versions of the formulae used are outlined below.
INL(i )
= (V(i) −V(o))⋅ 4096
V ( fs)
−V(o)


− i
where INL(i) is the integral linearity at code i. V(fs) and V(o) are
the estimated full-scale and offset transitions, and V(i) is the es-
timated transition for the i
th code.
V(i), the estimated code transition point is derived as follows:
V (i )
=− A⋅Cos
π⋅ cum(i)
[]
N
where A is the peak signal amplitude, N is the number of histo-
gram samples
and cum(i )
=
n
=o
i
V(n)occurrences
Figure 11. AD7874 AC INL Plot


Numéro de pièce similaire - AD7874AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7874AN AD-AD7874AN Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874AN AD-AD7874AN Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874AN AD-AD7874AN Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results

Description similaire - AD7874AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874 Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com